Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T48C862M-R3-TNQ Datasheet(PDF) 47 Page - ATMEL Corporation

Part # T48C862M-R3-TNQ
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C862M-R3-TNQ Datasheet(HTML) 47 Page - ATMEL Corporation

Back Button T48C862M-R3-TNQ Datasheet HTML 43Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 44Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 45Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 46Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 47Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 48Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 49Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 50Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 51Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 107 page
background image
47
T48C862-R3
4554A–4BMCU–02/03
Figure 40. Timer 2 Modulator Output Stage
Timer 2 Output Signals
Timer 2 Output Mode 1
Toggle Mode A: A Timer 2 compare match toggles the output flip-flop (M2) -> T2O
Figure 41. Interrupt Timer/Square Wave Generator – the Output Toggles with Each
Edge Compare Match Event
Toggle Mode B: A Timer 2 compare match toggles the output flip-flop (M2) -> T2O
Figure 42. Pulse Generator – the Timer Output Toggles with the Timer Start if the
T2TS-bit Is Set
Toggle
RES/SET
Biphase/
Manchester
modulator
T2TOP
T2OS2, 1, 0
T2M2
T2O
M2
M2
S1
S2
S3
Modulator3
RE
FE
OMSK
SSI
CONTROL
TOG2
SO
DCGO
4
00
01
2
3
4
01
2
3
4
012
3
0
1
Input
Counter 2
T2R
Counter 2
CMx
INT4
T2O
4
0001
23
56
7
4
01
23
5
6
Input
Counter 2
T2R
Counter 2
CMx
INT4
T2O
Toggle
by start
T2O
4095/
255



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com