Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T48C862M-R3-TNQ Datasheet(PDF) 50 Page - ATMEL Corporation

Part # T48C862M-R3-TNQ
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C862M-R3-TNQ Datasheet(HTML) 50 Page - ATMEL Corporation

Back Button T48C862M-R3-TNQ Datasheet HTML 46Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 47Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 48Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 49Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 50Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 51Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 52Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 53Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 54Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 107 page
background image
50
T48C862-R3
4554A–4BMCU–02/03
PWM Mode: Pulse-width modulation output on Timer 2 output pin (T2O)
Figure 48. PWM Modulation
Timer 2 Registers
Timer 2 has 6 control registers to configure the timer mode, the time interval, the input
clock and its output function. All registers are indirectly addressed using extended
addressing as described in section "Addressing Peripherals". The alternate functions of
the Ports BP41 or BP42 must be selected with the Port 4 control register P4CR, if one of
the Timer 2 modes require an input at T2I/BP41 or an output at T2O/BP42.
Timer 2 Control Register (T2C)
Address: "7"hex - Subaddress: "0"hex
0
0
50
255
100
0
255 0
150
255 0 50
255 0
100
T2R
Input clock
Counter 2/2
Counter 2/2
OVF2
CM2
INT4
T2O
load the next
compare value
T2CO2=150
load
load
T1
T2
T3
T1
T2
TT
T
T
T
Bit 3Bit 2Bit 1Bit 0
T2CS1
T2CS0
T2TS
T2R
Reset value: 0000b
T2CS1
Timer 2 Clock Select bit 1
T2CS0
Timer 2 Clock Select bit 0
T2CS1
T2CS0
Input Clock (CL 2/1) of Counter Stage 2/1
0
0
System clock (SYSCL)
0
1
Output signal of Timer 1 (T1OUT)
1
0
Internal shift clock of SSI (SCL)
1
1
Output signal of Timer 3 (TOG3)
T2TS
Timer 2 Toggle with Start
T2TS = 0, the output flip-flop of Timer 2 is not toggled with the timer start
T2TS = 1, the output flip-flop of Timer 2 is toggled when the timer is started with
T2R
T2R
Timer 2 Run
T2R = 0, Timer 2 stop and reset
T2R = 1, Timer 2 run



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com