Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MIMXRT8024DFP4A Datasheet(PDF) 28 Page - NXP Semiconductors

Part # MIMXRT8024DFP4A
Description  i.MX RT1060X Crossover Processors for Extended Products
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MIMXRT8024DFP4A Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button MIMXRT8024DFP4A Datasheet HTML 24Page - NXP Semiconductors MIMXRT8024DFP4A Datasheet HTML 25Page - NXP Semiconductors MIMXRT8024DFP4A Datasheet HTML 26Page - NXP Semiconductors MIMXRT8024DFP4A Datasheet HTML 27Page - NXP Semiconductors MIMXRT8024DFP4A Datasheet HTML 28Page - NXP Semiconductors MIMXRT8024DFP4A Datasheet HTML 29Page - NXP Semiconductors MIMXRT8024DFP4A Datasheet HTML 30Page - NXP Semiconductors MIMXRT8024DFP4A Datasheet HTML 31Page - NXP Semiconductors MIMXRT8024DFP4A Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 103 page
background image
of the input supply as well as the load current. Typically, with a 3 V input supply the weak-regulator output is 2.525 V and its output
impedance is approximately 40 Ω.
For additional information, see the
i.MX RT1060X Reference Manual (IMXRT1060XRM) .
Table 14. LDO_2P5 Voltage Regulator Electrical Specifications
Parameter
Symbol
Min
Typ
Max
Unit
Input Analog Supply
2.7
3
3.3
V
Input Digital Supply
1.0
1
1.1
V
Typical Current Consumption
0.75
mA
Typical Low Power Current Consumption
0.05
mA
Regulator Maximum Output Current (at
500 mV drop-out)
350
mA
Regulator Output Programming Range
(default 2.5 V)
2
2.75
V
Regulator Output Programming
Step Size
25
mV
Regulator Brown-out Offset
Programming Range (default 75 mV)
0
75
mV
Regulator Brown-out Offset
Programming Step Size
25
mV
Minimum External Decoupling
Capacitor (Low-ESR)
1
μF
4.2.2.2.3 LDO_USB
The LDO_USB module implements a programmable linear-regulator function from the USB VBUSB voltages (4.4 V–5.5 V) to
produce a nominal 3.0 V output voltage. A programmable brown-out detector is included in the regulator that can be used by the
system to determine when the load capability of the regulator is being exceeded, to take the necessary steps. This regulator has
a built in power-mux that allows the user to select to run the regulator from either USB VBUS supply, when both are present. If
only one of the USB VBUS voltages is present, then, the regulator automatically selects this supply. Current limit is also included
to help the system meet in-rush current targets.
For additional information, see the
i.MX RT1060X Reference Manual (IMXRT1060XRM).
4.2.2.2.4 DCDC
DCDC can be configured to operate on power-save mode when the load current is less than 50 mA. During the power-save
mode, the converter operates with reduced switching frequency in PFM mode and with a minimum quiescent current to maintain
high efficiency.
DCDC can detect the peak current in the P-channel switch. When the peak current exceeds the threshold, DCDC will give an alert
signal, and the threshold can be configured. By this way, DCDC can roughly detect the current loading.
DCDC also includes the following protection functions:
• Over current protection. In run mode, DCDC shuts down when detecting abnormal large current in the P-type power switch.
NXP Semiconductors
Electrical Characteristics
i.MX RT1060X Crossover Processors for Extended Products , Rev. 1, 06/2022
Data Sheet: Technical Data
28 / 103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com