Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MIMXRT8024DFP4A Datasheet(PDF) 49 Page - NXP Semiconductors

Part # MIMXRT8024DFP4A
Description  i.MX RT1060X Crossover Processors for Extended Products
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MIMXRT8024DFP4A Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button MIMXRT8024DFP4A Datasheet HTML 45Page - NXP Semiconductors MIMXRT8024DFP4A Datasheet HTML 46Page - NXP Semiconductors MIMXRT8024DFP4A Datasheet HTML 47Page - NXP Semiconductors MIMXRT8024DFP4A Datasheet HTML 48Page - NXP Semiconductors MIMXRT8024DFP4A Datasheet HTML 49Page - NXP Semiconductors MIMXRT8024DFP4A Datasheet HTML 50Page - NXP Semiconductors MIMXRT8024DFP4A Datasheet HTML 51Page - NXP Semiconductors MIMXRT8024DFP4A Datasheet HTML 52Page - NXP Semiconductors MIMXRT8024DFP4A Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 103 page
background image
TSCKD
TSCKDQS
SIO[0:7]
DQS
SCK
Figure 23. FlexSPI input timing in DDR mode where FlexSPIn_MCR0[RXCLKSRC] = 0x3 (case B1)
Table 44. FlexSPI input timing in DDR mode where FlexSPIn_MCR0[RXCLKSRC] = 0x3 (case B2)
Symbol
Parameter
Min
Max
Unit
Frequency of operation
—
166
MHz
TSCKD
Time from SCK to data valid
—
—
ns
TSCKD - TSCKDQS
Time delta between TSCKD and TSCKDQS
-1
1
ns
TSCKD
TSCK2DQS
SCK2
SIO[0:7]
DQS
SCK
Figure 24. FlexSPI input timing in DDR mode where FlexSPIn_MCR0[RXCLKSRC] = 0x3 (case B2)
4.5.2.2 FlexSPI output/write timing
The following sections describe output signal timing for the FlexSPI controller including control signals and data outputs.
4.5.2.2.1 SDR mode
Table 45. FlexSPI output timing in SDR mode
Symbol
Parameter
Min
Max
Unit
Frequency of operation
—
1661
MHz
Tck
SCK clock period
6.0
—
ns
TDVO
Output data valid time
—
1
ns
Table continues on the next page...
NXP Semiconductors
Electrical Characteristics
i.MX RT1060X Crossover Processors for Extended Products , Rev. 1, 06/2022
Data Sheet: Technical Data
49 / 103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com