Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP33151-05-E/MS Datasheet(PDF) 33 Page - Microchip Technology

Part # MCP33151-05-E/MS
Description  1 Msps/500 ksps, 14/12-Bit Single-Ended Input SAR ADC
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP33151-05-E/MS Datasheet(HTML) 33 Page - Microchip Technology

Back Button MCP33151-05-E/MS Datasheet HTML 29Page - Microchip Technology MCP33151-05-E/MS Datasheet HTML 30Page - Microchip Technology MCP33151-05-E/MS Datasheet HTML 31Page - Microchip Technology MCP33151-05-E/MS Datasheet HTML 32Page - Microchip Technology MCP33151-05-E/MS Datasheet HTML 33Page - Microchip Technology MCP33151-05-E/MS Datasheet HTML 34Page - Microchip Technology MCP33151-05-E/MS Datasheet HTML 35Page - Microchip Technology MCP33151-05-E/MS Datasheet HTML 36Page - Microchip Technology MCP33151-05-E/MS Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 55 page
background image
 2019 Microchip Technology Inc.
DS20006220A-page 33
MCP33151/41-XX
5.5
Transfer Function
The pseudodifferential analog input is:
VIN =(VIN+) – (VIN-), where VIN+ is the analog input
voltage at AIN+ pin with respect to the ground refer-
ence (GND), and VIN- is the voltage at AIN- pin, which
is 0V when tied to the analog input ground reference
(GND).
The LSB size is given by Equation 5-10. and an
example of LSB size vs. reference voltage is
summarized in Table 5-3.
EQUATION 5-10:
LSB SIZE - EXAMPLE
TABLE 5-3:
LSB SIZE VS REFERENCE
Figure 5-6 shows the ideal transfer function and
Table 5-4 shows the digital output codes for the
MCP33151/41-XX.
FIGURE 5-6:
Ideal Transfer Function.
5.6
Digital Output Code
The digital output code is proportional to the input
voltage. The output data is in unipolar straight binary
format. The following is an example of the output code:
• for a zero or negative input:
Analog Input: VIN ≤ 0 (V)
Output Code: 0000...0000
• for a mid-scale input:
Analog Input: VIN = +VREF /2 (V)
Output Code: 1000...0000
• for a positive full-scale input:
Analog Input: VIN = +VREF (V)
Output Code: 1111...1111
The code will be locked at 1111...11 for all voltages
greater than (VREF – 1 LSB) and 0000...00 for
voltages less than 0V. Table 5-4 shows an example of
output codes of various input levels.
Reference
Voltage
(VREF)
LSB Size
MCP33151-XX
(14-bit)
MCP33141-XX
(12-bit)
1.8V
109.9 µV
439.5 µV
2V
122.1 µV
488.3 µV
2.5V
152.6
V
0.6104 mV
3V
183.1
V
0.7324 mV
3.3V
201.4
V
0.8057 mV
3.5V
213.6
V
0.8545 mV
4V
244.1
V
0.9766 mV
4.5V
274.7
V
1.0986 mV
5V
305.2
V
1.2207 mV
5.1
311.3
V
1.2451 mV
LSB
VREF
2
N
-------------
=
Where N is the resolution of the ADC in bits.
111 … 111
000 … 000
000 … 001
100 … 000
0V + 1 LSB
0V + 0.5 LSB
0V
VREF
2
VREF - 1.5 LSB
VREF - 1 LSB
Analog Input Voltage
111 … 110
VREF - 2 LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com