Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP33151-05-E/MS Datasheet(PDF) 39 Page - Microchip Technology

Part # MCP33151-05-E/MS
Description  1 Msps/500 ksps, 14/12-Bit Single-Ended Input SAR ADC
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP33151-05-E/MS Datasheet(HTML) 39 Page - Microchip Technology

Back Button MCP33151-05-E/MS Datasheet HTML 35Page - Microchip Technology MCP33151-05-E/MS Datasheet HTML 36Page - Microchip Technology MCP33151-05-E/MS Datasheet HTML 37Page - Microchip Technology MCP33151-05-E/MS Datasheet HTML 38Page - Microchip Technology MCP33151-05-E/MS Datasheet HTML 39Page - Microchip Technology MCP33151-05-E/MS Datasheet HTML 40Page - Microchip Technology MCP33151-05-E/MS Datasheet HTML 41Page - Microchip Technology MCP33151-05-E/MS Datasheet HTML 42Page - Microchip Technology MCP33151-05-E/MS Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 55 page
background image
 2019 Microchip Technology Inc.
DS20006220A-page 39
MCP33151/41-XX
FIGURE 6-5:
Connection Diagram for 3-
Wire CS Mode with BUSY Status Indicator
Output Bit. IRQ Pin in the Host Device Is Used
for Interrupt Event.
FIGURE 6-6:
Timing Diagram for 3-Wire CS Mode with BUSY Status Indicator Output Bit, Early
CNV (Recommended).
CNVST
SDI
(Data In)
SCLK
CNV
SCLK
SDO
SDI
O
CNV
(a) MCP331XX
(b) Digital Host (Master)
47 kΩ
VIO
IRQ
Note:
This connection can also monitor the
calibration status indicator output using
IRQ pin.
Note:
The pull-up resistor on the SDO pin is
highly recommended in this mode as it
ensures that the IRQ pin of the digital host
is held high when SDO goes to High-Z
state.
SDI = 0
CNV (CS)
SCLK
SDO
ADC
State
TCYC =1/fs
tCNVH
Converting Phase
(tCNV)
Input Acquisition
(tACQ)
D0
D1
D2
High-Z (with no pull-up)
tSCLK
tDO
tSCLK_L
tSCLK_H
12345
13
14
15
tEN
tQUIET
tDIS
“High” (with pull-up)
D13
D12
D11
D10
BUS
tSU_SDIL_CNV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com