Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3422 Datasheet(PDF) 134 Page - STMicroelectronics

Part # UPSD3422
Description  Turbo Plus series Fast Turbo 8032 MCU with USB and programmable logic
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422 Datasheet(HTML) 134 Page - STMicroelectronics

Back Button UPSD3422_V01 Datasheet HTML 130Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 131Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 132Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 133Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 134Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 135Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 136Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 137Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 138Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 300 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
I2C interface
UPSD3422, UPSD3433, UPSD3434, UPSD3454
134/300
Table 88 provides recommended settings for S1SETUP based on various combinations of
fOSC and fSCL. Note that the “Total Sample Period” times in Table 87 on page 134 are
typically slightly less than the minimum Start condition hold time, tHLDSTA for a given I
2C bus
speed.
Important note: The SCL bit rate fSCL must first be determined by bits CR[2:0] in the SFR
S1CON before a value is chosen for SMPL_SET[6:0] in the SFR S1SETUP.
Table 86.
Number of I2C bus samples taken after 1-to-0 transition on SDA (Start
condition)
Contents of S1SETUP
Resulting value for
S1SETUP
Resulting number of
samples taken after 1-to-0
on SDA line
SS_EN bit
SMPL_SET[6:0]
0
XXXXXXXb
00h (default)
1
1
0000000b
80h
1
1
0000001b
81h
2
1
0000010b
82h
3
...
...
...
...
1
0001011b
8Bh
12
1
0010111b
97h
24
...
...
...
...
1
1111111b
FFh
128
Table 87.
Start condition hold time
I2C bus speed
Range of I2C clock speed
(fSCL)
Minimum Start condition hold
time (tHLDSTA)
Standard
Up to 100 kHz
4000 ns
Fast
101 kHz to 400 kHz
600 ns
High
401 kHz to 833 kHz(1)
1.
833KHz is maximum for UPSD34xx devices.
160 ns
Table 88.
S1SETUP examples for various I2C bus speeds and oscillator
frequencies
I2C bus
speed, fSCL
Parameter
Oscillator frequency, fOSC
6 MHz
12 MHz
24 MHz
33 MHz
40 MHz
Standard
Recommended
S1SETUP value
93h
A7h
CFh
EEh
FFh
Number of samples
20
40
80
111
128
Time between samples
166.6 ns
83.3 ns
41.6 ns
30 ns
25 ns
Total sampled period
3332 ns
3332 ns
3332 ns
3333 ns
3200 ns
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com