Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-E/P Datasheet(PDF) 20 Page - Microchip Technology

Part # PIC16F15213T-E/P
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-E/P Datasheet(HTML) 20 Page - Microchip Technology

Back Button PIC16F15213T-E/P Datasheet HTML 16Page - Microchip Technology PIC16F15213T-E/P Datasheet HTML 17Page - Microchip Technology PIC16F15213T-E/P Datasheet HTML 18Page - Microchip Technology PIC16F15213T-E/P Datasheet HTML 19Page - Microchip Technology PIC16F15213T-E/P Datasheet HTML 20Page - Microchip Technology PIC16F15213T-E/P Datasheet HTML 21Page - Microchip Technology PIC16F15213T-E/P Datasheet HTML 22Page - Microchip Technology PIC16F15213T-E/P Datasheet HTML 23Page - Microchip Technology PIC16F15213T-E/P Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 439 page
background image
7.
Enhanced Mid-Range CPU
This family of devices contains an enhanced mid-range 8-bit CPU core. The CPU has 50 instructions. Interrupt
capability includes automatic context saving. The hardware stack is 16-level deep and has overflow and underflow
Reset capability. Direct, Indirect, and Relative Addressing modes are available. Two File Select Registers (FSR)
provide the ability to read program and data memory.
Figure 7-1. Core Data Path Diagram
Filename:
Core Data Path Diagram=GUID-70F1F30C-1B2B-4155-96C9-1E02D094618D=1=en-US=Source.vsdx
Title:
Last Edit:
12/19/2019
First Used:
Notes:
Address Latch
Program Memory
Data Latch
PCLATH
PCL
16-Level Stack
STKPTR
Data Latch
Data Memory
Address Latch
Data Address
FSR0
FSR1
inc/dec
logic
BSR
Address
Decode
Program Counter
Instruction
Latch
Instruction
Decode and
Control
ALU
Instruction Bus
State Machine
Control Signals
Data Bus
STATUS
Register
W Register
MUX
MUX
7.1
Automatic Interrupt Context Saving
During interrupts, certain registers are automatically saved in shadow registers and restored when returning from the
interrupt. This saves stack space and user code.
PIC16F15213/14/23/24/43/44
Enhanced Mid-Range CPU
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com