Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-E/P Datasheet(PDF) 39 Page - Microchip Technology

Part # PIC16F15213T-E/P
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-E/P Datasheet(HTML) 39 Page - Microchip Technology

Back Button PIC16F15213T-E/P Datasheet HTML 35Page - Microchip Technology PIC16F15213T-E/P Datasheet HTML 36Page - Microchip Technology PIC16F15213T-E/P Datasheet HTML 37Page - Microchip Technology PIC16F15213T-E/P Datasheet HTML 38Page - Microchip Technology PIC16F15213T-E/P Datasheet HTML 39Page - Microchip Technology PIC16F15213T-E/P Datasheet HTML 40Page - Microchip Technology PIC16F15213T-E/P Datasheet HTML 41Page - Microchip Technology PIC16F15213T-E/P Datasheet HTML 42Page - Microchip Technology PIC16F15213T-E/P Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 439 page
background image
9.2
Data Memory Organization
The data memory is partitioned into up to 64 memory banks with 128 bytes in each bank. Each bank consists of:
• 12 core registers
• Up to 20 Special Function Registers (SFR)
• Up to 80 bytes of General Purpose RAM (GPR)
• 16 bytes of common RAM
Figure 9-3. Banked Memory Partition
Typical Memory Bank
7-bit Bank Offset
00h
0Bh
0Ch
1Fh
20h
6Fh
7Fh
70h
Core Registers
(12 bytes)
Special Function Registers
(up to 20 bytes maximum)
General Purpose RAM
Special Function Registers
or
(80 bytes maximum)
Common RAM
(16 bytes)
Rev. 10-000 041C
11/8/201 7
9.2.1
Bank Selection
The active bank is selected by writing the bank number into the Bank Select Register (BSR). All data memory can
be accessed either directly via instructions that use the file registers, or indirectly via the two File Select Registers
(FSRs). Data memory uses a 13-bit address. The upper six bits of the address define the Bank Address and the
lower seven bits select the registers/RAM in that bank.
9.2.2
Core Registers
The core registers contain the registers that directly affect the basic operation. The core registers occupy the first 12
addresses of every data memory bank. These registers are listed in the Core Registers table below.
PIC16F15213/14/23/24/43/44
Memory Organization
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com