Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-E/P Datasheet(PDF) 67 Page - Microchip Technology

Part # PIC16F15213T-E/P
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-E/P Datasheet(HTML) 67 Page - Microchip Technology

Back Button PIC16F15213T-E/P Datasheet HTML 63Page - Microchip Technology PIC16F15213T-E/P Datasheet HTML 64Page - Microchip Technology PIC16F15213T-E/P Datasheet HTML 65Page - Microchip Technology PIC16F15213T-E/P Datasheet HTML 66Page - Microchip Technology PIC16F15213T-E/P Datasheet HTML 67Page - Microchip Technology PIC16F15213T-E/P Datasheet HTML 68Page - Microchip Technology PIC16F15213T-E/P Datasheet HTML 69Page - Microchip Technology PIC16F15213T-E/P Datasheet HTML 70Page - Microchip Technology PIC16F15213T-E/P Datasheet HTML 71Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 439 page
background image
Note: 
1.
In this specific case, ‘Release of POR’ and ‘Wake-up from Sleep’, there is no delay in start-up. The BOR
Ready flag (BORRDY = 1) will be set before the CPU is ready to execute instructions because the BOR circuit
is forced on by the BOREN bits.
Figure 10-2. Brown-Out Situations
TPWRT(1)
VBOR
VDD
Internal
Reset
VBOR
VDD
Internal
Reset
TPWRT(1)
< TPWRT
TPWRT(1)
VBOR
VDD
Internal
Reset
Rev. 30-000092A
4/12/2017
Note:  TPWRT delay when the PWRTS bits are enabled (PWRTS != 00).
10.2.4
BOR Is Always Off
When the BOREN bits are programmed to ‘00’, the BOR is always disabled. In the configuration, setting the
SBOREN bit will have no affect on BOR operations.
10.3
MCLR Reset
The MCLR is an optional external input that can reset the device. The MCLR function is controlled by the MCLRE bit
and the LVP bit (see Table 10-2). The RMCLR bit will be set to ‘0’ if a MCLR has occurred.
Table 10-2. MCLR Configuration
MCLRE
LVP
MCLR
x
1
Enabled
1
0
Enabled
0
0
Disabled
10.3.1
MCLR Enabled
When MCLR is enabled and the pin is held low, the device is held in Reset. The MCLR pin is connected to VDD
through an internal weak pull-up.
The device has a noise filter in the MCLR Reset path. The filter will detect and ignore small pulses.
Important:  An internal Reset event (RESET instruction, BOR, WDT, POR, STKOVF, STKUNF) does not
drive the MCLR pin low.
PIC16F15213/14/23/24/43/44
Resets
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com