Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-E/P Datasheet(PDF) 13 Page - Microchip Technology

Part # PIC16F15213T-E/P
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-E/P Datasheet(HTML) 13 Page - Microchip Technology

Back Button PIC16F15213T-E/P Datasheet HTML 9Page - Microchip Technology PIC16F15213T-E/P Datasheet HTML 10Page - Microchip Technology PIC16F15213T-E/P Datasheet HTML 11Page - Microchip Technology PIC16F15213T-E/P Datasheet HTML 12Page - Microchip Technology PIC16F15213T-E/P Datasheet HTML 13Page - Microchip Technology PIC16F15213T-E/P Datasheet HTML 14Page - Microchip Technology PIC16F15213T-E/P Datasheet HTML 15Page - Microchip Technology PIC16F15213T-E/P Datasheet HTML 16Page - Microchip Technology PIC16F15213T-E/P Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 439 page
background image
...........continued
I/O
20-Pin
PDIP
SOIC
SSOP
20-Pin
VQFN
ADC
Reference
Timers
CCP
10-Bit
PWM
MSSP
EUSART
IOC
Interrupt
Basic
VDD
1
18
—
—
—
—
—
—
—
—
—
VDD
VSS
20
17
—
—
—
—
—
—
—
—
—
VSS
OUT(2)
—
—
—
—
TMR0
CCP1
CCP2
PWM3
PWM4
SCL1
SCK1
SDA1
SDO1
TX1
DT1
CK1
—
—
—
Notes: 
1.
This is a PPS remappable input signal. The input function may be moved from the default location shown to any PORTx pin.
2.
All output signals shown in this row are PPS remappable.
3.
This is a bidirectional signal. For normal operation, user software must map this signal to the same pin via the PPS input and PPS output registers.
4.
These pins can be configured for I2C or SMBus logic levels via the RxyI2C registers. The SCL1/SDA1 signals may be assigned to these pins for expected
operation. PPS assignments of these signals to other pins will operate; however, the logic levels will be standard TTL/ST as selected by the INLVL register.
PIC16F15213/14/23/24/43/44
Pin Allocation Tables
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com