Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MMM5063 Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # MMM5063
Description  Tri-Band GSM GPRS 3.5 V Power Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMM5063 Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button MMM5063 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 9Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 10Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 11Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 12Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 13Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 14Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 15Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
ARCHIVED BY FREESCALE SEMICONDUCTOR, INC. 2005
12
MMM5063 Advance Information
MOTOROLA
Application Information
R8 and RVapc set Vapc at 0.9 V while R7 sets the Vapc slope. Vapc versus Vdrain is shown in the Figure 20.
Figure 20. Vapc versus Vdrain
It is possible that the Power Control DAC output voltage can be in the 200 mV to 2.0 V range. This raises
a concern for the MMM5063 ramp control voltage (Vramp) which must start at 0 V to get enough output
power dynamic range. To overcome this limitation, a resistor (R6 in Figure 22) is used to set an additional
offset (200 mV with R6 = 39 k
Ω). This residual voltage is then subtracted the DAC output voltage through
the differential Operational Amplifier.
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
V
drain (V)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com