Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MMM5063 Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # MMM5063
Description  Tri-Band GSM GPRS 3.5 V Power Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMM5063 Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button MMM5063 Datasheet HTML 12Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 13Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 14Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 15Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 16Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 17Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 18Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 19Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 20Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
ARCHIVED BY FREESCALE SEMICONDUCTOR, INC. 2005
18
MMM5063 Advance Information
MOTOROLA
Packaging Information
Figure 26. Outline Dimensions for 7x7 mm Module
(Case 1383-02, Issue A)
7
B
0.1
A
7
A
0.1
1.01 ± 0.1
0.7 ± 0.05
0
0.5±0.05
0
3±0.05
BOTTOM VIEW
2.37±0.05
0.5±0.05
0.5±0.05
0.8±0.05
1.2±0.05
2.9
0.97
2.4
2.4
0.07
1.02
1.77
2.52
3.15
2.215
0.5±0.05 SQ
0.8±0.05
9X
PIN ONE
IDENT
1±0.05
0.5±0.05
2.45±0.05
2.95±0.05
NOTES:
1.
DIMENSIONS ARE IN MILLIMETERS.
2.
DIMENSIONS AND TOLERANCES
PER ASME Y14.5M, 1994.
3.
APPLIES TO ALL PAD LOCATIONS.
L
B
0.1
C
A
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com