Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MMM5063 Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # MMM5063
Description  Tri-Band GSM GPRS 3.5 V Power Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMM5063 Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button MMM5063 Datasheet HTML 12Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 13Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 14Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 15Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 16Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 17Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 18Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 19Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 20Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
ARCHIVED BY FREESCALE SEMICONDUCTOR, INC. 2005
16
MMM5063 Advance Information
MOTOROLA
Application Information
Figure 24. Power Amplifier Control Loop PCB
Table 7. Power Amplifier Control Loop PCB Bill of Materials
Reference
Value
Part Number
Manufacturer
C1
68 µF
293D685X9020C
Sprague
C2
330 pF
GRM36COG330J50
Murata
C3
15 pF
GRM36COG150J50
Murata
C4
330 pF
GRM36x7R331K50
Murata
C5, C12, C18
10 nF
GRM36X7R103K25
Murata
C6
47 nF
GRM36X7R473K10
Murata
J1, J2, J3
DC connector
Q1
Power MOSFET
NTHS5445T
ON Semiconductor
Q2
N/C - Do not mount
R1, R8
1.0 k
CRG0402 5% 1 kO
NEOHM
R2
150
Ω
CRG0402 5% 150 O
NEOHM
R3
12 k
CRG0402 5% 12 kO
NEOHM
R4, R5
5.6 k
CRG0402 5% 5.6 kO
NEOHM
R6, R10
N/C - Do not mount
R7
560
Ω
CRG0402 5% 560 O
NEOHM
R11
100
Ω
CRG0402 5% 100 O
NEOHM
U1
CMOS Op Amp
AD8591
Analog Devices
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com