Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MMM5063 Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # MMM5063
Description  Tri-Band GSM GPRS 3.5 V Power Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMM5063 Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button MMM5063 Datasheet HTML 12Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 13Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 14Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 15Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 16Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 17Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 18Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 19Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 20Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
ARCHIVED BY FREESCALE SEMICONDUCTOR, INC. 2005
Packaging Information
MOTOROLA
MMM5063 Advance Information
17
5 Packaging Information
Figure 25. Packaging Information
Marking
(Top View)
MMM5063
AWLYYWW
LLLLLL WW
Tape & Reel Orientation
(Top View)
Tape Width:
16.0 mm
Tape Pitch
12 mm (part to part)
Reel Diameter:
330 mm (13 in)
Component Orientation: Parts are to be orientated with pin 1 side closest to the
tape's round sprocket holes on the tape's trailing edge.
Dry Pack: This device meets Moisture Sensitiviy Level (MSL) 3. Parts will be
shipped in Dry Pack. Parts must be stored at 30°C and 60% relative
humidity with time out of dry pack not to exceed 168 hours.
In the event that parts are not handled or stored within these limits, one of the
following dry out procedures must be completed prior to reflow:
1) 40°C Dry Out: Bake devices at 40°C
≤ TA ≤ 45°C, 5% Relative Humidity for
at least 192 hours.
2) Room Temperature Dry Out: Store devices at less than 20% Relative
Humidity for at least 500 hours.
Marking:
1st line:
Motorola Logo
2nd Line:
Partnumber coded on 7 characters
3rd Line:
Wafer lot number (coded on 6 characters) followed by wafer num-
ber (coded on 3 digits)
4th Line:
Assy site code (on 1 or 2 characters), followed by Wafer Lot Num-
ber (coded on 1 or 2 characters), followed by Year
(on 2 digits) and Workweek (on 2 digits).
Shipping, Packaging and Marking Information
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com