Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L8150 Datasheet(PDF) 20 Page - STMicroelectronics

Part # L8150
Description  Brushless motor predriver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L8150 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L8150 Datasheet HTML 16Page - STMicroelectronics L8150 Datasheet HTML 17Page - STMicroelectronics L8150 Datasheet HTML 18Page - STMicroelectronics L8150 Datasheet HTML 19Page - STMicroelectronics L8150 Datasheet HTML 20Page - STMicroelectronics L8150 Datasheet HTML 21Page - STMicroelectronics L8150 Datasheet HTML 22Page - STMicroelectronics L8150 Datasheet HTML 23Page - STMicroelectronics L8150 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
Operating description
L8150
20/37
Figure 10.
Rectangular Drive Pattern (Reverse)
Smooth Drive mode is activated when three consecutive periods shorter than TMAX are
detected and device will keep driving in Smooth mode until an external command is applied
(through FR pin) or motor electrical period becomes longer than the maximum period the
device is able to follow.
Startup phase (rectangular driving) is activated in one of the following conditions:
●
when the Period Counter saturates;
●
when the desired rotation direction (coming from FR command) is different from the
detected rotation direction;
●
SD = High
→ Low
During all working conditions a current limitation circuit is active. It is composed of a
current comparator sensing current flowing in the sense resistor (usually a sense resistor is
connected between the sources of all power low side driver transistors and ground) and of
some control logic.
Current limitation is achieved in three possible ways according to the different motor
situations.
The current limiter control method is a consequence of the rotation speed and the detected
direction of the motor.
Let's divide the possible situations in two different cases:
1.
The motor is rotating and its frequency is lower than the one used to switch between
rectangular and sinusoidal driving pattern
2.
The motor is rotating and its frequency is bigger than the one used to switch between
rectangular and sinusoidal driving pattern
In case 1) even if the detected rotation direction is different from the desired direction, the
current limiter control method is to force two phases to GND and one phase is left in high
impedance state.
In case 2) the possible situations can be the following:
2a) The desired direction is equal to the detected direction and sinusoidal mode is applied,
the current limiter control method is forcing all the phases to GND
HallU
HallV
HallW
OutU
OutV
OutW
HallU
HallV
HallW
HallU
HallV
HallW
OutU
OutV
OutW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com