| Electronic Components Datasheet Search |
|
L8150 Datasheet(PDF) 27 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L8150 Datasheet(HTML) 27 Page - STMicroelectronics |
|
27 / 37 page ![]() L8150 Precharge and hall effects filtering time description 27/37 Figure 17. Startup sequence forced by FS comparator, supposing the motor rotating too quickly When the signal coming from the FS comparator has a falling edge, by default a zero- crossing signal is generated and the logic waits for a Hall effect commutation and applies to it a filtering time of TPRECHARGE = 400µsec. If the motor is rotating too quickly the next Hall effect commutation happens before the filtering time is elapsed: this causes the reset of the filter and, in consequence, a new count for the filter time of 400 µsec. Until the motor is rotating too quickly no Hall effect commutation is acquired by the logic, thus the logic outputs force high impedance condition. Only when the motor speed becomes lower than the speed necessary to obtain a Tel/6>400 µsec the Hall effect commutations are filtered and acquired. If no Hall effect commutation is acquired during a period of TelMax/6, a precharge function will be done. Depending on the last filtered Hall effect codification present in the logic and, also, on the Hall effect codification having a duration longer than 400 µsec (because the Hall effect codifications filtered have to be consecutive), the Hall effect commutations filtered using a filter time of 400usec could be two or, more probably, three. After this Hall effect commutations the logic outputs start applying the right pattern to the motor windings. The motor rotation direction is irrelevant, in fact this can influence only the kind of pattern applied after the two or three filtered Hall effect commutation. ● Let's consider a startup sequence forced by FS-Comparator, supposing the motor rotating slowly. When the signal coming from the FS comparator has a falling edge, the logic waits for a Hall effect commutation for a period of time equal to TelMAX/6. If no Hall effect commutation happens during this time, the behaviour is the one described in the previous section, when a startup sequence with motor stopped is described. Let's suppose that during the counting period of TelMAX/6 a Hall effect commutation is detected. This commutation is filtered using 400usec. Considering the hypothesis done, starting from the Hall effect commutation detection, no more commutation will be detected FS ZC HALL BUS FILTER TIME PHASES PHASES EXCITED T∆zc’’/576 T∆zc’ Tel U MOTOR ROTATING TOO FAST 400 us T∆zc’’ 400 us T∆zc’/576 T∆zc’ 400 us |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |