Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L8150 Datasheet(PDF) 30 Page - STMicroelectronics

Part # L8150
Description  Brushless motor predriver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L8150 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button L8150 Datasheet HTML 26Page - STMicroelectronics L8150 Datasheet HTML 27Page - STMicroelectronics L8150 Datasheet HTML 28Page - STMicroelectronics L8150 Datasheet HTML 29Page - STMicroelectronics L8150 Datasheet HTML 30Page - STMicroelectronics L8150 Datasheet HTML 31Page - STMicroelectronics L8150 Datasheet HTML 32Page - STMicroelectronics L8150 Datasheet HTML 33Page - STMicroelectronics L8150 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
Precharge and hall effects filtering time description
L8150
30/37
Only when an Hall effect commutation consistent with the desired direction is detected, the
DM signal becomes high, indicating the right direction detection.
●
Let's consider a startup sequence forced by SD signal, supposing the motor rotating
too quickly:
Figure 21.
Startup sequence forced by SD signal, supposing the motor rotating too
quickly
When the SD signal has a falling edge the logic waits for an Hall effect commutation. If the
motor is rotating too quickly the next Hall effect commutation occurs before the filtering time
has elapsed.
This means that a new Hall filter count is performed and no Hall effect codification is
acquired until TPRECHARGE has elapsed while the Hall bus is not changed.
Until the motor rotates too quickly no Hall effect commutation is acquired by the logic, thus
the logic outputs force high impedance condition.
Only when the motor speed becomes lower than the speed necessary to obtain a
Tel/6>400
µsec the Hall effect commutation are filtered and acquired.
After the first two or three filtered Hall effect commutations (because they have to be
consecutive), the logic outputs start applying the right pattern to the motor windings.
The motor rotation direction is not important, in fact this can influence only the kind of
pattern applied after the two or three filtered Hall effect commutation. In the picture is
reported the less likely situation.
●
Let's consider a startup sequence forced by SD, supposing the motor rotating slowly.
When the signal coming from the SD-Comparator has a falling edge, the logic waits for an
Hall effect commutation for a period of time equal to TelMAX/6. If no Hall effect commutation
occurs during this time, the behaviour is that described in the previous section, when a
startup sequence with motor stopped is described.
Let's suppose that during the counting period of TelMAX/6 an Hall effect commutation is
detected. This commutation is filtered using 400
µsec. Considering the hypothesis done,
starting from the Hall effect commutation detection, no more commutation will be detected
for the following TelMAX/6 and the behaviour is the one described in the startup sequence
with motor stopped.
SD
ZC
HALL BUS
FILTER TIME
PHASES
PHASES EXCITED
T∆zc’’/576
T∆zc’
Tel
U
MOTOR ROTATING TOO FAST
T∆zc’’
400 us
T∆zc’/576
400 us



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com