Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L8150 Datasheet(PDF) 29 Page - STMicroelectronics

Part # L8150
Description  Brushless motor predriver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L8150 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button L8150 Datasheet HTML 25Page - STMicroelectronics L8150 Datasheet HTML 26Page - STMicroelectronics L8150 Datasheet HTML 27Page - STMicroelectronics L8150 Datasheet HTML 28Page - STMicroelectronics L8150 Datasheet HTML 29Page - STMicroelectronics L8150 Datasheet HTML 30Page - STMicroelectronics L8150 Datasheet HTML 31Page - STMicroelectronics L8150 Datasheet HTML 32Page - STMicroelectronics L8150 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
L8150
Precharge and hall effects filtering time description
29/37
When the SD signal has a falling edge the logic acquires the Hall codification and waits for
next Hall effect commutation, which is filtered using a filtering time of TPRECHARGE =
400
µsec. The first significant zero-crossing signal is generated.
Also the second Hall effect commutation is filtered using TPRECHARGE, after that the second
zero-crossing signal is generated.
Starting form the second Hall effect commutation, after the acquisition of the filtered Hall
commutation, the logic outputs start applying the right pattern, and the motor is able to
accelerate again.
Next filtering time used for the Hall commutation is a fraction of the elapsed time between
the last two zero-crossing signals TDzc. This filtering time is used until the first rising edge
on signal HallU is detected and a new zero-crossing signal is generated.
●
Let's consider a startup sequence forced by SD, supposing the motor rotating quickly in
the direction not imposed by the FR signal:
Figure 20.
Startup sequence forced by SD, supposing the motor rotating quickly in
the direction not imposed by the FR signal
This situation is similar to that described before, except DM behaviour. Let's suppose the SD
signal high, which means all phases in high impedance state. Since the signal SD is high
and considering that this is the reset signal for the whole logic part, the system is not able to
detect if the motor is rotating in the desired direction or not and by default the DM signal will
be high. So when the signal SD has a falling edge, the DM signal remains high, indicating
that the detected direction is equal to desired direction.
Only after the first filtered Hall effect commutation the system is able to determines if the
rotation direction is equal to the desired one. At this moment the DM signal becomes low.
Starting from the second Hall effect commutation, after the acquisition of the filtered Hall
commutation, the logic outputs starts applying the right pattern, and the motor starts to
decelerate.
SD
ZC
HALL BUS
FILTER TIME
PHASES
PHASES EXCITED
T∆zc
MOTOR DECELERATING
400 us
400 us T∆zc/576
MOTOR ACCELERATING
DM
T∆zc/576
T∆zc/576
T∆zc/576
MOTOR FREE RUN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com