Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UCS3205 Datasheet(PDF) 3 Page - Microchip Technology

Part # UCS3205
Description  5A, 22V Bidirectional Load Switch with Fast Role Swap
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS3205 Datasheet(HTML) 3 Page - Microchip Technology

  UCS3205 Datasheet HTML 1Page - Microchip Technology UCS3205 Datasheet HTML 2Page - Microchip Technology UCS3205 Datasheet HTML 3Page - Microchip Technology UCS3205 Datasheet HTML 4Page - Microchip Technology UCS3205 Datasheet HTML 5Page - Microchip Technology UCS3205 Datasheet HTML 6Page - Microchip Technology UCS3205 Datasheet HTML 7Page - Microchip Technology UCS3205 Datasheet HTML 8Page - Microchip Technology UCS3205 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
 2020 Microchip Technology Inc.
DS20006433A-page 3
UCS3205
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings†
Voltage on VIN and VOUT Pins .................................................................................................................... -0.3V to 25V
FAULT# Pin Pull-up Voltage (VPULLUP)........................................................................................................... -0.3V to 6V
Port Power Switch Current..................................................................................................................... Internally Limited
Voltage on Any Other Pin to Ground............................................................................................................... -0.3V to 6V
Current on the FAULT# Pin .....................................................................................................................................10 mA
Operating Junction Temperature.............................................................................................................-40°C to +125°C
Storage Temperature Range...................................................................................................................-55°C to +150°C
Package Power Dissipation ..................................................................................................................................67°C/W
ESD Protection on VIN, VOUT, GND Pins (IEC 61000-4-2) .................................................................................. ±15 kV
ESD Protection on VIN, VOUT, GND Pins (JEDEC JESD22-A114; Human Body Model)....................................... ±6 kV
ESD Protection on All Other Pins (JEDEC JESD22-A114; Human Body Model) .................................................... ±2 kV
ESD Protection on All Pins (JEDEC JESD22-C101; Charge Device Model) ..........................................................±500V
† NOTICE: Stresses above those listed under “Maximum ratings” may cause permanent damage to the device. This
is a stress rating only and functional operation of the device at those or any other conditions above those indicated
in the operational listings of this specification is not implied. Exposure to maximum rating conditions for extended
periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
Electrical Specifications: Unless otherwise indicated, TA = +25°C, VIN or VOUT = 2.85V to 22V.
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Conditions
Power and Interrupts – DC
Minimum Start-up Supply
Voltage
VIN_STRT
3.1
V
Minimum Supply Voltage
After Start-up
VIN
2.85
V
Minimum Start-up Supply
Voltage
VOUT_STRT
3.1
V
Minimum Supply Voltage
After Start-up
VOUT
2.85
V
Quiescent Current
IQ
200
260
µA
Current measured into VIN or
VOUT when current out of VOUT or
VIN, respectively, is 0A, EN = ‘high’
Shutdown Current
ISD
20
30
µA
Current measured in the VIN pin
when EN and DSC pins are ‘low’
Note 1: This parameter is characterized, not 100% tested.
2: This parameter is ensured by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com