Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UCS3205 Datasheet(PDF) 6 Page - Microchip Technology

Part # UCS3205
Description  5A, 22V Bidirectional Load Switch with Fast Role Swap
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS3205 Datasheet(HTML) 6 Page - Microchip Technology

Back Button UCS3205 Datasheet HTML 2Page - Microchip Technology UCS3205 Datasheet HTML 3Page - Microchip Technology UCS3205 Datasheet HTML 4Page - Microchip Technology UCS3205 Datasheet HTML 5Page - Microchip Technology UCS3205 Datasheet HTML 6Page - Microchip Technology UCS3205 Datasheet HTML 7Page - Microchip Technology UCS3205 Datasheet HTML 8Page - Microchip Technology UCS3205 Datasheet HTML 9Page - Microchip Technology UCS3205 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
UCS3205
DS20006433A-page 6
 2020 Microchip Technology Inc.
Port Power Switch – AC Parameters
Minimum Start-up Time
tSTRT_EN
60
ms
Minimum time from VIN_STRT ≥ 3.1V
to an EN low-to-high transition
Start-up Current Limit
Duration
tSTRT_CLD
2.5
ms
Time from VIN > VUVLO until short
circuit and overcurrent comparator
are enabled (slew rate control
enabled), EN = 1 (Note 1)
Turn-On Delay
tON_SW
0.5
ms
Time from the transition of EN from
low-to-high until switch is on
(VOUT > 500 mV), COUT =10 µF,
DIR = 1, time from the transition of
EN from low-to-high until switch is
on (VIN > 500 mV), CIN =10 µF
Turn-Off Delay
tOFF_SW
150
230
µs
Time from the transition of EN from
high-to-low until switch is off
(VOUT < VIN – 500 mV), VIN =5V,
DIR = 0, DSC = 1, no COUT,
time from the transition of EN from
high-to-low until switch is off,
(VIN < VOUT – 500 mV), VOUT =5V,
RIN =50, DIR = 1,
50 k
to GND on VIN, no CIN
Charge Time
tCHARGE
1
ms
Time from the transition of EN from
low-to-high until VOUT =19V
(95% of VIN = 20V) with
RILIM =1.5k, COUT =10 µF (Note 1)
Discharge Time
tOUT_DISCHARGE
2
ms
Time from the transition of EN from
high-to-low until VOUT =0.8V
(VIN =20V), COUT = 10 µF,
DSC = 1 (Note 1)
OC Turn-Off Time
tOFF_SW_OC
10
µs
Time from overcurrent event
(current less than short-circuit limit)
to switch off after tMASK elapses
(10 ms), COUT = 10 µF
Turn-Off Time
tOFF_SW_ERR
7
µs
Time from TSD, OV, BV, SC event
to switch off, no COUT (Note 1)
VIN or VOUT Output Rise
Time
tR_IN_OUT
0.8
ms
Measured from 10% to 90% of
VOUT (VIN =20V), COUT = 10 µF
with RILIM= 1.5 k, 20 V/ms slew
rate, measured from 10% to 90% of
VIN (VOUT =20V), CIN = 10 µF
Short Circuit FAULT#
Assertion Time
tSHORT_FAULT
20
µs
Time from detection of short to port
power switch disconnect and
FAULT# pin assertion
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise indicated, TA = +25°C, VIN or VOUT = 2.85V to 22V.
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Conditions
Note 1: This parameter is characterized, not 100% tested.
2: This parameter is ensured by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com