Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UCS3205 Datasheet(PDF) 5 Page - Microchip Technology

Part # UCS3205
Description  5A, 22V Bidirectional Load Switch with Fast Role Swap
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS3205 Datasheet(HTML) 5 Page - Microchip Technology

  UCS3205 Datasheet HTML 1Page - Microchip Technology UCS3205 Datasheet HTML 2Page - Microchip Technology UCS3205 Datasheet HTML 3Page - Microchip Technology UCS3205 Datasheet HTML 4Page - Microchip Technology UCS3205 Datasheet HTML 5Page - Microchip Technology UCS3205 Datasheet HTML 6Page - Microchip Technology UCS3205 Datasheet HTML 7Page - Microchip Technology UCS3205 Datasheet HTML 8Page - Microchip Technology UCS3205 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
 2020 Microchip Technology Inc.
DS20006433A-page 5
UCS3205
ISEN Pin
Configurable Current Limit
ILIM
1.59
1.71
1.83
A
RILIM = 1.5 k,see calculation in
Section 4.2 “Overcurrent
Detection” for other ILIM values
Current Limit Accuracy
IACCY
±7
%
See calculation in Section 4.2
“Overcurrent Detection” for ILIM
values (Note 2)
Current Limit Resistor
RILIM
450
5000
Port Power Switch
Port Power Switch – DC Parameter
On Resistance
RDS_ON
—30
40
m
VIN = 5V, IOUT = 2A
VOUT Leakage Current
ILEAK_VOUT
——
5
µA
VIN = 22V, current flowing out the
VOUT pin when EN is pulled down,
VOUT = 0V
Back-Voltage Fault
Protection Threshold
VBV_FAULT_ON
20
30
50
mV
VOUT > VIN, VIN > VUVLO
Back-Voltage FRS Active
Threshold
VBV_FAULT_OFF
120
35
mV
VIN > VUVLO, switch turned on when
(VOUT – VIN) < VBV_FAULT_OFF
Back-Drive Current
IBD_1
—0
5
µA
VIN < VUVLO, EN = 0V,
current flowing between VIN and
GND when the VOUT pin is
connected to a 20V supply
(Note 2)
Forward Leakage
IBD_2
0
10
µA
DIR = 1, VIN > VUVLO, EN = 0V,
current flowing between VIN and
GND when the VOUT pin is
connected to a 20V supply (Note 2)
Thermal Shutdown
Threshold
TTSD
145
°C
Die temperature at which the power
switch will turn off
Thermal Shutdown
Hysteresis
TTSD_HYST
20
°C
After shutdown, due to TTSD being
reached, die temperature drop
required before the power switch
can be turned on again
Discharge Thermal
Shutdown Threshold
TDSC_TSD
165
°C
Die temperature at which the
discharge switch will turn off
Discharge Current
IDISCHG
—150
mA
Slew Rate
SR
20
V/ms
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise indicated, TA = +25°C, VIN or VOUT = 2.85V to 22V.
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Conditions
Note 1: This parameter is characterized, not 100% tested.
2: This parameter is ensured by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com