Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7B0AB Datasheet(PDF) 55 Page - STMicroelectronics

Part # STM32H7B0AB
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, 128-Kbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7B0AB Datasheet(HTML) 55 Page - STMicroelectronics

Back Button STM32H7B0AB Datasheet HTML 51Page - STMicroelectronics STM32H7B0AB Datasheet HTML 52Page - STMicroelectronics STM32H7B0AB Datasheet HTML 53Page - STMicroelectronics STM32H7B0AB Datasheet HTML 54Page - STMicroelectronics STM32H7B0AB Datasheet HTML 55Page - STMicroelectronics STM32H7B0AB Datasheet HTML 56Page - STMicroelectronics STM32H7B0AB Datasheet HTML 57Page - STMicroelectronics STM32H7B0AB Datasheet HTML 58Page - STMicroelectronics STM32H7B0AB Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 205 page
background image
Table 10. Port C alternate functions
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
SYS
LPTIM1/
TIM1/2/16/17
PDM_SAI1/
TIM3/4/5/12/15
DFSDM1/
LPTIM2/3/
LPUART1/
OCTOSPIM_P1/2/
TIM8
CEC/DCMI/PSSI/
DFSDM1/2/
I2C1/2/3/4/
LPTIM2/TIM15/
USART1
CEC/SPI1/
I2S1/SPI2/
I2S2/SPI3/
I2S3/
SPI4/5/
SPI6/I2S6
DFSDM1/2/I2C4/
OCTOSPIM_P1/
SAI1/SPI3/I2S3/
UART4
SDMMC1/
SPI2/I2S2/
SPI3/I2S3/
SPI6/I2S6/
UART7/
USART1/2/3/6
LPUART1/
SAI2/SDMMC1/
SPDIFRX1/SPI6/
I2S6/UART4/5/8
FDCAN1/2/FMC/LCD
/OCTOSPIM_P1/2/
SDMMC2/
SPDIFRX1/TIM13/14
CRS/FMC/LCD/
OCTOSPIM_P1/
OTG1_FS/
OTG1_HS/
SAI2/SDMMC2/
TIM8
DFSDM1/2/
I2C4/LCD/
MDIOS/
OCTOSPIM_P1/
SDMMC2/
SWPMI1/
TIM1/8/
UART7/9/
USART10
FMC/LCD/
MDIOS/
SDMMC1/
TIM1/8
COMP/DCMI/
PSSI/LCD/
TIM1
LCD/UART5
SYS
PC0
-
-
-
DFSDM1_CKIN0
-
-
DFSDM1_DATIN4
-
SAI2_FS_B
FMC_A25
OTG_HS_
ULPI_STP
LCD_G2
FMC_SDNWE
-
LCD_R5
EVENTOUT
PC1
TRACED0
-
SAI1_D1
DFSDM1_DATIN0
DFSDM1_CKIN4
SPI2_MOSI/
I2S2_SDO
SAI1_SD_A
-
-
SDMMC2_CK
OCTOSPIM_
P1_IO4
-
MDIOS_MDC
-
LCD_G5
EVENTOUT
PC2
PWR_CSTOP
-
-
DFSDM1_CKIN1
-
SPI2_MISO/
I2S2_SDI
DFSDM1_CKOUT
-
-
OCTOSPIM_P1_IO2
OTG_HS_
ULPI_DIR
OCTOSPIM_
P1_IO5
FMC_SDNE0
-
-
EVENTOUT
PC3
PWR_CSLEEP
-
-
DFSDM1_DATIN1
-
SPI2_MOSI/
I2S2_SDO
-
-
-
OCTOSPIM_P1_IO0
OTG_HS_
ULPI_NXT
OCTOSPIM_
P1_IO6
FMC_SDCKE0
-
-
EVENTOUT
PC4
-
-
-
DFSDM1_CKIN2
-
I2S1_MCK
-
-
-
SPDIFRX1_IN2
-
-
FMC_SDNE0
-
LCD_R7
EVENTOUT
PC5
-
-
SAI1_D3
DFSDM1_DATIN2
PSSI_D15
-
-
-
-
SPDIFRX1_IN3
OCTOSPIM_
P1_DQS
-
FMC_SDCKE0
COMP1_OUT
LCD_DE
EVENTOUT
PC6
-
-
TIM3_CH1
TIM8_CH1
DFSDM1_CKIN3
I2S2_MCK
-
USART6_TX
SDMMC1_D0DIR
FMC_NWAIT
SDMMC2_D6
-
SDMMC1_D6
DCMI_D0/
PSSI_D0
LCD_HSYNC
EVENTOUT
PC7
TRGIO
-
TIM3_CH2
TIM8_CH2
DFSDM1_DATIN3
-
I2S3_MCK
USART6_RX
SDMMC1_D123DIR
FMC_NE1
SDMMC2_D7
SWPMI_TX
SDMMC1_D7
DCMI_D1/
PSSI_D1
LCD_G6
EVENTOUT
PC8
TRACED1
-
TIM3_CH3
TIM8_CH3
-
-
-
USART6_CK
UART5_RTS
FMC_NE2/
FMC_NCE
FMC_INT
SWPMI_RX
SDMMC1_D0
DCMI_D2/
PSSI_D2
-
EVENTOUT
PC9
MCO2
-
TIM3_CH4
TIM8_CH4
I2C3_SDA
I2S_CKIN
-
-
UART5_CTS
OCTOSPIM_P1_IO0
LCD_G3
SWPMI_
SUSPEND
SDMMC1_D1
DCMI_D3/
PSSI_D3
LCD_B2
EVENTOUT
PC10
-
-
-
DFSDM1_CKIN5
DFSDM2_CKIN0
-
SPI3_SCK/
I2S3_CK
USART3_TX
UART4_TX
OCTOSPIM_P1_IO1
LCD_B1
SWPMI_RX
SDMMC1_D2
DCMI_D8/
PSSI_D8
LCD_R2
EVENTOUT
PC11
-
-
-
DFSDM1_DATIN5
DFSDM2_DATIN0
-
SPI3_MISO/
I2S3_SDI
USART3_RX
UART4_RX
OCTOSPIM_P1_NCS
-
-
SDMMC1_D3
DCMI_D4/
PSSI_D4
LCD_B4
EVENTOUT
PC12
TRACED3
-
TIM15_CH1
-
DFSDM2_CKOUT
SPI6_SCK/
I2S6_CK
SPI3_MOSI/
I2S3_SDO
USART3_CK
UART5_TX
-
-
-
SDMMC1_CK
DCMI_D9/
PSSI_D9
LCD_R6
EVENTOUT
PC13
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
EVENTOUT
PC14
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
EVENTOUT
PC15
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
EVENTOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com