Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7B0AB Datasheet(PDF) 88 Page - STMicroelectronics

Part # STM32H7B0AB
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, 128-Kbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7B0AB Datasheet(HTML) 88 Page - STMicroelectronics

Back Button STM32H7B0AB Datasheet HTML 84Page - STMicroelectronics STM32H7B0AB Datasheet HTML 85Page - STMicroelectronics STM32H7B0AB Datasheet HTML 86Page - STMicroelectronics STM32H7B0AB Datasheet HTML 87Page - STMicroelectronics STM32H7B0AB Datasheet HTML 88Page - STMicroelectronics STM32H7B0AB Datasheet HTML 89Page - STMicroelectronics STM32H7B0AB Datasheet HTML 90Page - STMicroelectronics STM32H7B0AB Datasheet HTML 91Page - STMicroelectronics STM32H7B0AB Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 205 page
background image
Peripheral
IDD(Typ)
Unit
VOS0
VOS1
VOS2
VOS3
APB4
Bridge
µA/MHz
0.10
0.10
0.10
0.10
Table 43. Peripheral current consumption in Stop, Standby and VBAT mode
Symbol
Parameter
Conditions
Typ
Max (3.6 V)
Unit
3.3 V TJ = 25 °C TJ= 85 °C TJ = 105 °C TJ = 130 °C
IDD
RTC+LSE low drive
-
0.77
1.0
1.2
1.3
2.0
µA
RTC+LSE medium- low drive
-
0.87
1.1
1.3
1.4
2.1
RTC+LSE medium- high drive
-
1.03
1.3
1.5
1.6
2.3
RTC+LSE High drive
-
1.38
1.6
1.8
1.9
2.6
Backup SRAM
-
1.10
1.4
2.0
3.2
7.0
6.3.8
Wakeup time from low-power modes
The wakeup times given in Table 44. Low-power mode wakeup timings are measured starting from the wakeup
event trigger up to the first instruction executed by the CPU:
•
For Stop or Sleep modes: the wakeup event is WFE.
•
WKUP (PC1) pin is used to wakeup from Standby, Stop and Sleep modes.
All timings are derived from tests performed under ambient temperature and VDD=3.3 V.
Table 44. Low-power mode wakeup timings
Symbol
Parameter
Conditions
Typ(1) Max(1)(2)
Unit
tWUSLEEP(3)
Wakeup from Sleep
-
5.00
5.00
CPU clock
cycles
tWUDSTOP(3)
Wakeup from DStop
SVOS3 Main, HSI, flash memory in normal mode
4.2
6
µs
SVOS3 Main, HSI, flash memory in low-power mode
8.3
11
SVOS3 LP, HSI, flash memory in normal mode
5.0
7
SVOS3 LP, HSI, flash memory in low-power mode
9.0
12
SVOS4, HSI, flash memory in normal mode
15.7
19
SVOS4, HSI, flash memory in low-power mode
19.7
25
SVOS5, HSI, flash memory in normal mode
35.0
43
SVOS5, HSI, flash memory in low-power mode
35.0
43
SVOS3 Main, CSI, flash memory in normal mode
42.5
52
SVOS3 Main, CSI, flash memory in low power mode
48.0
58
SVOS3 LP, CSI, flash memory in normal mode
43.3
53
SVOS3 LP, CSI, flash memory in low power mode
48.8
59
SVOS4, CSI, flash memory in normal mode
54.0
65
SVOS4, CSI, flash memory in low-power mode
59.5
72
SVOS5, CSI, flash memory in normal mode
74.8
90
SVOS5, CSI, flash memory in low-power mode
74.8
90
tWUDSTOP2(3)
Wakeup from DStop2, clock kept
running
SVOS3 LP, HSI, flash memory in low-power mode
9.7
13
SVOS4, HSI, flash memory in low-power mode
20.4
26
SVOS5, HSI, flash memory in low-power mode
35.7
44
STM32H7B0xB
Operating conditions
DS13196 - Rev 7
page 88/205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com