Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7B0AB Datasheet(PDF) 134 Page - STMicroelectronics

Part # STM32H7B0AB
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, 128-Kbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7B0AB Datasheet(HTML) 134 Page - STMicroelectronics

Back Button STM32H7B0AB Datasheet HTML 130Page - STMicroelectronics STM32H7B0AB Datasheet HTML 131Page - STMicroelectronics STM32H7B0AB Datasheet HTML 132Page - STMicroelectronics STM32H7B0AB Datasheet HTML 133Page - STMicroelectronics STM32H7B0AB Datasheet HTML 134Page - STMicroelectronics STM32H7B0AB Datasheet HTML 135Page - STMicroelectronics STM32H7B0AB Datasheet HTML 136Page - STMicroelectronics STM32H7B0AB Datasheet HTML 137Page - STMicroelectronics STM32H7B0AB Datasheet HTML 138Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 205 page
background image
Figure 48. Power supply and reference decoupling (VREF+ not connected to VDDA)
1 µF // 100 nF
1 µF // 100 nF
STM32
VREF+(1)
VSSA/VREF-(1)
VDDA
1.
VREF+ input is not available on all package (refer to Table 1. STM32H7B0xB features and peripheral counts)
whereas VREF– is available only on UFBGA176+25, TFBGA225 with SMPS and TFBGA216. When VREF- is
not available, it is internally connected to VSSA.
Figure 49. Power supply and reference decoupling (VREF+ connected to VDDA)
1 µF // 100 nF
STM32
VREF+/VDDA(1)
VREF-/VSSA(1)
1.
VREF+ input is not available on all package (refer to Table 1. STM32H7B0xB features and peripheral counts)
whereas VREF– is available only on UFBGA176+25, TFBGA225 with SMPS and TFBGA216. When VREF- is
not available, it is internally connected to VSSA.
STM32H7B0xB
Operating conditions
DS13196 - Rev 7
page 134/205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com