Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7B0AB Datasheet(PDF) 142 Page - STMicroelectronics

Part # STM32H7B0AB
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, 128-Kbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7B0AB Datasheet(HTML) 142 Page - STMicroelectronics

Back Button STM32H7B0AB Datasheet HTML 138Page - STMicroelectronics STM32H7B0AB Datasheet HTML 139Page - STMicroelectronics STM32H7B0AB Datasheet HTML 140Page - STMicroelectronics STM32H7B0AB Datasheet HTML 141Page - STMicroelectronics STM32H7B0AB Datasheet HTML 142Page - STMicroelectronics STM32H7B0AB Datasheet HTML 143Page - STMicroelectronics STM32H7B0AB Datasheet HTML 144Page - STMicroelectronics STM32H7B0AB Datasheet HTML 145Page - STMicroelectronics STM32H7B0AB Datasheet HTML 146Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 205 page
background image
Symbol
Parameter
Conditions
Min(1)
Typ(1)
Max(1)
Unit
TRIMOFFSETN,
TRIMLPOFFSETN
Offset trim step at high
common input voltage
(0.9*VDDA)
mV
-
-
1.1
1.5
ILOAD
Drive current
-
-
-
500
μA
ILOAD_PGA
Drive current in PGA mode
-
-
-
270
CLOAD
Capacitive load
-
-
-
50
pF
CMRR
Common mode rejection ratio
-
-
80
-
dB
PSRR
Power supply rejection ratio
CLOAD ≤ 50pf / RLOAD ≥ 4 kΩ(2) at 1 kHz,
Vcom=VDDA/2
50
66
-
dB
GBW
Gain bandwidth for high
supply range
200 mV ≤ Output dynamic range ≤ VDDA -
200 mV
4
7.3
12.3
MHz
SR
Slew rate (from 10% and 90%
of output voltage)
Normal mode
-
3
-
V/µs
High-speed mode
-
24
-
AO
Open loop gain
200 mV ≤ Output dynamic range ≤ VDDA -
200 mV
59
90
129
dB
φm
Phase margin
-
-
55
-
°
GM
Gain margin
-
-
12
-
dB
VOHSAT
High saturation voltage
Iload=max or RLOAD=min,
Input at VDDA
VDDA
−100 mV
-
-
mV
VOLSAT
Low saturation voltage
Iload=max or RLOAD=min, Input at 0 V
-
-
100
tWAKEUP
Wake up time from OFF state
Normal mode
CLOAD ≤ 50pf, RLOAD
≥ 4 kΩ, follower
configuration
-
0.8
3.2
µs
High speed
mode
CLOAD ≤ 50pf, RLOAD
≥ 4 kΩ, follower
configuration
-
0.9
2.8
PGA gain
Non inverting gain error value
PGA gain = 2
−1
-
1
%
PGA gain = 4
−2
-
2
PGA gain = 8
−2.5
-
2.5
PGA gain = 16
−3
-
3
Inverting gain error value
PGA gain = 2
−1
-
1
PGA gain = 4
−1
-
1
PGA gain = 8
−2
-
2
PGA gain = 16
−3
-
3
External non-inverting gain
error value
PGA gain = 2
−1
-
1
PGA gain = 4
−3
-
3
PGA gain = 8
−3.5
-
3.5
PGA gain = 16
−4
-
4
Rnetwork
R2/R1 internal resistance
values in non-inverting PGA
mode(3)
PGA Gain=2
-
10/10
-
kΩ/
kΩ
PGA Gain=4
-
30/10
-
PGA Gain=8
-
70/10
-
PGA Gain=16
-
150/10
-
R2/R1 internal resistance
values in inverting PGA
mode(3)
PGA Gain = -1
-
10/10
-
PGA Gain = -3
-
30/10
-
STM32H7B0xB
Operating conditions
DS13196 - Rev 7
page 142/205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com