Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7B0AB Datasheet(PDF) 193 Page - STMicroelectronics

Part # STM32H7B0AB
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, 128-Kbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7B0AB Datasheet(HTML) 193 Page - STMicroelectronics

Back Button STM32H7B0AB Datasheet HTML 189Page - STMicroelectronics STM32H7B0AB Datasheet HTML 190Page - STMicroelectronics STM32H7B0AB Datasheet HTML 191Page - STMicroelectronics STM32H7B0AB Datasheet HTML 192Page - STMicroelectronics STM32H7B0AB Datasheet HTML 193Page - STMicroelectronics STM32H7B0AB Datasheet HTML 194Page - STMicroelectronics STM32H7B0AB Datasheet HTML 195Page - STMicroelectronics STM32H7B0AB Datasheet HTML 196Page - STMicroelectronics STM32H7B0AB Datasheet HTML 197Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 205 page
background image
Revision history
Table 135. Document revision history
Date
Revision
Changes
20-Dec-2019
1
Initial release.
27-Apr-2020
2
Updated Octo-SPI interface in Table 1. STM32H7B0xB features and peripheral
counts.
Updated Figure 2. Power-up/power-down sequence in Section 6.1.6 Power
supply scheme.
Updated HSLV feature description in Section 3.8 General-purpose input/outputs
(GPIOs).
In Section 5 Pin descriptions: updated Table 6. Legend/abbreviations used in the
pinout table; changed SPDIFRX into SPDIFRX1 and updated all SPDIFRX1 pin
names.
Updated Table 17. Voltage characteristics to add VREF+ in the list of external
main supply voltage.
Removed clock frequencies from Table 20. General operating conditions and
added new Section 6.3.1 .
Changed condition for tRSTTEMPO in Table 27. Reset and power control block
characteristics.
Added IDD50USB in Table 30. USB regulator characteristics.
Updated Table 38. Typical current consumption in System Stop mode, added
Table 39. Typical current consumption RAM shutoff in Stop mode, and added
IWDG and changed SPDIFRX into SPDIFRX1 in Table 42. Peripheral current
consumption in Run mode.
Table 56. Flash memory programming: updated tME description and unit.
In the whole Section 6.3.18 FMC characteristics, replaced sentence "the TKERCK
is the fmc_ker_ck clock period" by "the Tfmc_ker_ck is the kernel clock period".
Section 6.3.19 Octo-SPI interface characteristics: added parameter
measurement conditions, updated Table 88. OCTOSPI characteristics in SDR
mode and Table 89. OCTOSPI characteristics in DTR mode (with DQS)/Octal
and Hyperbus, updated Figure 42. OctoSPI Hyperbus clock, Figure 43. OctoSPI
Hyperbus read and Figure 44. OctoSPI Hyperbus write.
Updated Figure 48. Power supply and reference decoupling (VREF+ not
connected to VDDA), note 1. and note 1..
Section 6.3.30 Digital filter for Sigma-Delta Modulators (DFSDM)
characteristics, Section 6.3.31 Camera interface (DCMI) timing
specificationsSection 6.3.33 LCD-TFT controller (LTDC) characteristics,
Section 6.3.36.2 USART interface characteristics, Section 6.3.36.3 SPI
interface characteristics, Section 6.3.36.4 I2S Interface characteristics,
Section 6.3.36.5 SAI characteristics, Section 6.3.36.7 SD/SDIO MMC
card host interface (SDMMC) characteristics, Section 6.3.36.8 USB
OTG_FS characteristics, Section 6.3.36.9 USB OTG_HS characteristics,
Section 6.3.36.10 JTAG/SWD interface characteristics: changed VOS level to
VOS0 in the parameter measurement conditions.
08-Jul-2020
3
Updated note related to ULPI interface availability on packages that do not
feature PC2 and PC3 I/Os in Table 1. STM32H7B0xB features and peripheral
counts.
Updated Table 18. Current characteristics, Table 19. Thermal characteristics and
Figure 13. Current consumption measurement scheme.
Updated Figure 12. Power supply scheme. Added note to VREFINT in
Table 28. Embedded reference voltage.Added Table 31. Inrush current
and inrush electric charge characteristics for LDO and SMPS. Updated
Table 44. Low-power mode wakeup timings, Table 32. Typical and maximum
current consumption in Run mode, code with data processing running from ITCM,
regulator ON and Table 33. Typical and maximum current consumption in Run
mode, code with data processing running from flash memory, cache ON.
STM32H7B0xB
DS13196 - Rev 7
page 193/205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com