Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BLUENRG-LPS Datasheet(PDF) 44 Page - STMicroelectronics

Part # BLUENRG-LPS
Description  Programmable Bluetooth® Low Energy wireless SoC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-LPS Datasheet(HTML) 44 Page - STMicroelectronics

Back Button BLUENRG-LPS Datasheet HTML 40Page - STMicroelectronics BLUENRG-LPS Datasheet HTML 41Page - STMicroelectronics BLUENRG-LPS Datasheet HTML 42Page - STMicroelectronics BLUENRG-LPS Datasheet HTML 43Page - STMicroelectronics BLUENRG-LPS Datasheet HTML 44Page - STMicroelectronics BLUENRG-LPS Datasheet HTML 45Page - STMicroelectronics BLUENRG-LPS Datasheet HTML 46Page - STMicroelectronics BLUENRG-LPS Datasheet HTML 47Page - STMicroelectronics BLUENRG-LPS Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 67 page
background image
6.3.8
Wake-up time from low power modes
The wake-up times reported are the latency between the event and the execution of the instruction. The device
goes to low-power mode after WFI (wait for interrupt) instructions.
Table 26. Low power mode wake-up timing
Symbol
Parameter
Conditions
Typ. Unit
TWUDEEPSTOP
Wake-up time from DEEPSTOP mode to RUN
mode
Wake-up from GPIO VDD = 3.3 V flash memory 170
µs
6.3.9
High speed crystal requirements
The high speed external oscillator must be supplied with an external 32 MHz crystal that is specified for a 6 to 8
pF loading capacitor. The BlueNRG-LPS includes internal programmable capacitances that can be used to tune
the crystal frequency in order to compensate the PCB parasitic one. These internal load capacitors are made by
a fixed one, in parallel with a 6-bit binary weighted capacitor bank. Thanks to low CL step size (1-bit is typically
0.07 pF), very fine crystal tuning is possible. With a typical XTAL sensitivity of -14 ppm/pF, it is possible to trim a
32 MHz crystal, with a resolution of 1 ppm.
The requirements for the external 32 MHz crystal are reported in the table below.
Table 27. HSE crystal requirements
Symbol
Parameter
Conditions
Min. Typ. Max. Unit
fNOM
Oscillator frequency
-
32
-
MHz
fTOL
Frequency tolerance
Includes initial accuracy, stability over temperature,
aging and frequency pulling due to incorrect load
capacitance
-
-
±50
ppm
ESR
Equivalent series resistance
-
-
-
100
Ω
PD
Drive level
-
-
-
100
µW
CL
HSE crystal load capacitance
27 °C, typical corner
GMCONF = 3
5 (1)
7(2) 9.2(3)
pF
CLstep
HSE crystal load capacitance 1-bit
value
27 °C,
GMCONF = 3
XOTUNE code between 32 and 33
-
0.07
-
pF
1. XOTUNE programed at minimum code = 0
2. XOTUNE programed at center code = 32
3. XOTUNE programed at maximum code = 63
6.3.10
Low speed crystal requirements
Low speed clock can be supplied with an external 32.768 kHz crystal oscillator. Requirements for the external
32.768 kHz crystal are reported in the table below.
Table 28. LSE crystal requirements
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
fNOM
Nominal frequency
-
-
32.768
-
kHz
ESR
Equivalent series resistance
-
-
-
90
kΩ
PD
Drive level
-
-
-
0.1
µW
BlueNRG-LPS
Operating conditions
DS13819 - Rev 4
page 44/67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com