Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BLUENRG-LPS Datasheet(PDF) 30 Page - STMicroelectronics

Part # BLUENRG-LPS
Description  Programmable Bluetooth® Low Energy wireless SoC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-LPS Datasheet(HTML) 30 Page - STMicroelectronics

Back Button BLUENRG-LPS Datasheet HTML 26Page - STMicroelectronics BLUENRG-LPS Datasheet HTML 27Page - STMicroelectronics BLUENRG-LPS Datasheet HTML 28Page - STMicroelectronics BLUENRG-LPS Datasheet HTML 29Page - STMicroelectronics BLUENRG-LPS Datasheet HTML 30Page - STMicroelectronics BLUENRG-LPS Datasheet HTML 31Page - STMicroelectronics BLUENRG-LPS Datasheet HTML 32Page - STMicroelectronics BLUENRG-LPS Datasheet HTML 33Page - STMicroelectronics BLUENRG-LPS Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 67 page
background image
Table 8. Application circuit external components
Component
Description
C1
Decoupling capacitor
C2
Decoupling capacitor
C3
Decoupling capacitor
C4
Decoupling capacitor
C5
Decoupling capacitor
C6
Decoupling capacitor
C7
Main LDO capacitor
C8
DC–DC converter output capacitor
C9
DC–DC converter output capacitor
C10
DC block capacitor
C12
RF Matching capacitor
C13
RF Matching capacitor
C14
RF Matching capacitor
C15
32 kHz crystal loading capacitor
C16
32 kHz crystal loading capacitor
L1
DC-DC converter output inductor
L2
DC-DC converter noise filter
L3
RF matching inductor
L4
RF matching inductor
X1
Low speed crystal
X2
High speed crystal
U1
BlueNRG-LPS
Note:
In order to make the board DC–DC OFF, the inductance L1 must be removed and the supply voltage must be
applied to the VFBSD pin.
BlueNRG-LPS
Application circuits
DS13819 - Rev 4
page 30/67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com