Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BLUENRG-LPS Datasheet(PDF) 18 Page - STMicroelectronics

Part # BLUENRG-LPS
Description  Programmable Bluetooth® Low Energy wireless SoC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-LPS Datasheet(HTML) 18 Page - STMicroelectronics

Back Button BLUENRG-LPS Datasheet HTML 14Page - STMicroelectronics BLUENRG-LPS Datasheet HTML 15Page - STMicroelectronics BLUENRG-LPS Datasheet HTML 16Page - STMicroelectronics BLUENRG-LPS Datasheet HTML 17Page - STMicroelectronics BLUENRG-LPS Datasheet HTML 18Page - STMicroelectronics BLUENRG-LPS Datasheet HTML 19Page - STMicroelectronics BLUENRG-LPS Datasheet HTML 20Page - STMicroelectronics BLUENRG-LPS Datasheet HTML 21Page - STMicroelectronics BLUENRG-LPS Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 67 page
background image
•
Priorities among requests from channels of DMA are software programmable (four levels consisting of very
high, high, medium, low) or hardware in case of equality (request 1 has priority over request 2, and so on)
•
Independent source and destination transfer size (byte, half word, word), emulating packing and
unpacking. Source/destination addresses must be aligned on the data size
•
Support for circular buffer management
•
Three event flags (DMA half transfer, DMA transfer complete and DMA transfer error) logically ORed
together in a single interrupt request for each channel
•
Memory-to-memory transfer (RAM only)
•
Peripheral-to-memory and memory-to-peripheral, and peripheral-to-peripheral transfers
•
Access to SRAMs, APB0 and APB1 peripherals as source and destination
•
Programmable number of data to be transferred: up to 65536
2.14
Nested vectored interrupt controller (NVIC)
The interrupts are handled by the Cortex-M0+ nested vector interrupt controller (NVIC). NVIC controls specific
Cortex-M0+ interrupts as well as the BlueNRG-LPS peripheral interrupts.
The NVIC benefits are the following:
•
Nested vectored interrupt controller that is an integral part of the ARM Cortex-M0+
•
Tightly coupled interrupt controller provides low interrupt latency
•
Control system exceptions and peripheral interrupts
•
NVIC supports 32 vectored interrupts
•
Four programmable interrupt priority levels with hardware priority level masking
•
Software interrupt generation using the ARM exceptions SVCall and PendSV
•
Support for NMI
•
ARM Cortex M0+ vector table offset register VTOR implemented
NVIC hardware block provides flexible interrupt management features with minimal interrupt latency.
2.15
Analog digital converter (ADC)
The BlueNRG-LPS embeds a 12-bit ADC. The ADC consists of a 12-bit successive approximation analog-to-
digital converter (SAR) with 2 x 8 multiplexed channels allowing measurements of up to eight external sources
and up to two internal sources.
The ADC main features are:
•
Conversion frequency is up to 1 Msps
•
Three input voltage ranges are supported (0 - 1.2 V, 0 - 2.4 V, 0 - 3.6 V)
•
Up to eight analog single-ended channels or four analog differential inputs or a mix of both
•
Temperature sensor conversion
•
Battery level conversion up to 3.6 V
•
ADC continuous or single mode conversion is possible
•
ADC down-sampler for multi-purpose applications to improve analog performance while off-loading the
CPU (ratio adjustable from 1 to 128)
•
A watchdog feature to inform when data is outside thresholds
•
DMA capability
•
Interrupt sources with flags.
2.15.1
Temperature sensor
The temperature sensor (TS) generates a voltage that varies linearly with temperature. The temperature sensor
is internally connected to the ADC input channel, which is used to convert the sensor output voltage into a digital
value.
To improve the accuracy of the temperature sensor measurement, each device is individually factory-calibrated by
ST. The temperature sensor factory calibration data are stored by ST in the system memory area, accessible in
read-only mode.
BlueNRG-LPS
Nested vectored interrupt controller (NVIC)
DS13819 - Rev 4
page 18/67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com