Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BLUENRG-LPS Datasheet(PDF) 43 Page - STMicroelectronics

Part # BLUENRG-LPS
Description  Programmable Bluetooth® Low Energy wireless SoC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-LPS Datasheet(HTML) 43 Page - STMicroelectronics

Back Button BLUENRG-LPS Datasheet HTML 39Page - STMicroelectronics BLUENRG-LPS Datasheet HTML 40Page - STMicroelectronics BLUENRG-LPS Datasheet HTML 41Page - STMicroelectronics BLUENRG-LPS Datasheet HTML 42Page - STMicroelectronics BLUENRG-LPS Datasheet HTML 43Page - STMicroelectronics BLUENRG-LPS Datasheet HTML 44Page - STMicroelectronics BLUENRG-LPS Datasheet HTML 45Page - STMicroelectronics BLUENRG-LPS Datasheet HTML 46Page - STMicroelectronics BLUENRG-LPS Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 67 page
background image
6.3.7
Supply current characteristics
The current consumption is a function of several parameters and factors such as: the operating voltage, ambient
temperature, I/O pin loading, device software configuration, operating frequencies, I/O pin switching rate, program
location in memory and executed binary code.
The MCU is put under the following conditions:
•
all I/O pins are in analog input mode
•
all peripherals are disabled except when explicitly mentioned
•
the flash memory access time is adjusted with the minimum wait states number
•
when the peripherals are enabled fPCLK = fHCLK
Table 25. Current consumption
Symbol
Parameter
Conditions
Typ.
Unit
25 °C
85 °C
105 °C
IDD(RUN)
Supply current in RUN mode
fHCLK = 64 MHz
All peripherals disabled
1821
1863
1898
µA
fHCLK = 32 MHz
All peripherals disabled
1594
1634
1669
fHCLK = 16 MHz
All peripherals disabled
1481
1521
1554
IDD(DEEPSTOP)
Supply current in DEEPSTOP(1)
Clock OFF
654
3930
8870
nA
Clock source LSI
1214
4556
9530
Clock source LSI
RTC ON
1272
4653
9674
Clock source LSI
IWDG ON
1232
4584
9569
Clock source LSI
RTC, LPUART and IWDG ON
1291
4682
9722
Clock source LSE
991
4828
10596
Clock source LSE
RTC ON
1010
4344
9316
Clock source LSE
IWDG ON
971
4277
9242
Clock source LSE.
LPUART ON
1076
4458
9426
Clock source LSE
RTC, LUART and IWDG ON
1150
4585
9646
IDD(SHUTDOWN)
Supply current in SHUTDOWN
-
15
350
1090
IDD(RST)
Current under reset condition
-
1098
1160
1230
µA
1. The current consumption in DEEPSTOP is measured considering the entire SRAM retained.
BlueNRG-LPS
Operating conditions
DS13819 - Rev 4
page 43/67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com