Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT45DB081E Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # AT45DB081E
Description  8-Mbit DataFlash (with Extra 256 kbits), 1.7 V Minimum SPI Serial Flash Memory
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB081E Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button AT45DB081E Datasheet HTML 35Page - Renesas Technology Corp AT45DB081E Datasheet HTML 36Page - Renesas Technology Corp AT45DB081E Datasheet HTML 37Page - Renesas Technology Corp AT45DB081E Datasheet HTML 38Page - Renesas Technology Corp AT45DB081E Datasheet HTML 39Page - Renesas Technology Corp AT45DB081E Datasheet HTML 40Page - Renesas Technology Corp AT45DB081E Datasheet HTML 41Page - Renesas Technology Corp AT45DB081E Datasheet HTML 42Page - Renesas Technology Corp AT45DB081E Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 97 page
background image
DS-AT45DB081E-028 Rev. M
Page 39
8/16/22
© 2022 Renesas Electronics
AT45DB081E Datasheet
8.3.2
Program Sector Protection Register
Once the Sector Protection Register has been erased, it can be reprogrammed using the Program Sector
Protection Register command.
To program the Sector Protection Register, a four-byte command sequence of 3Dh, 2Ah, 7Fh, and FCh must be
clocked into the device followed by sixteen bytes of data corresponding to Sectors 0 through 15. After the last bit
of the opcode sequence and data have been clocked in, the CS pin must be deasserted to initiate the internally
self-timed program cycle. Programming the Sector Protection Register takes place in a maximum time of tP.
During this time, the RDY/BUSY bit in the Status Register indicates that the device is busy. If the device is
powered-down before the erase cycle is done, then the contents of the Sector Protection Register cannot be
guaranteed.
If the proper number of data bytes is not clocked in before the CS pin is deasserted, then the protection status of
the sectors corresponding to the bytes not clocked in cannot be guaranteed.
Example: If only the first two bytes are clocked in instead of the complete sixteen bytes, then the protection status
of the last 14 sectors cannot be guaranteed. Furthermore, if more than sixteen bytes of data is clocked into the
device, then the data wraps back around to the beginning of the register. For instance, if 17 bytes of data are
clocked in, then the 17th byte is stored at byte location 0 of the Sector Protection Register.
The data bytes clocked into the Sector Protection Register need to be valid values (0xh, 3xh, Cxh, and Fxh for
Sector 0a or Sector 0b, and 00h or FFh for other sectors) in order for the protection to function correctly. If a non-
valid value is clocked into a byte location of the Sector Protection Register, then the protection status of the sector
corresponding to that byte location cannot be guaranteed.
Example: If a value of 17h is clocked into byte location 2 of the Sector Protection Register, then the protection
status of Sector 2 cannot be guaranteed.
The Sector Protection Register can be reprogrammed while the sector protection is enabled or disabled. Being
able to reprogram the Sector Protection Register with the sector protection enabled allows the user to temporarily
disable the sector protection to an individual sector rather than disabling sector protection completely.
The Program Sector Protection Register command usesBuffer 1 for processing. Therefore, the contents of Buffer
1 are altered from its previous state when this command is issued.
Table 12. Program Sector Protection Register Command
Figure 9. Program Sector Protection Register
Command
Byte 1
Byte 2
Byte 3
Byte 4
Program Sector Protection Register
3Dh
2Ah
7Fh
FCh
Data Byte
n
3Dh
2Ah
7Fh
FCh
Data Byte
n + 1
Data Byte
n + 15
CS
Each transition represents eight bits
SI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com