Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT45DB081E Datasheet(PDF) 89 Page - Renesas Technology Corp

Part # AT45DB081E
Description  8-Mbit DataFlash (with Extra 256 kbits), 1.7 V Minimum SPI Serial Flash Memory
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB081E Datasheet(HTML) 89 Page - Renesas Technology Corp

Back Button AT45DB081E Datasheet HTML 85Page - Renesas Technology Corp AT45DB081E Datasheet HTML 86Page - Renesas Technology Corp AT45DB081E Datasheet HTML 87Page - Renesas Technology Corp AT45DB081E Datasheet HTML 88Page - Renesas Technology Corp AT45DB081E Datasheet HTML 89Page - Renesas Technology Corp AT45DB081E Datasheet HTML 90Page - Renesas Technology Corp AT45DB081E Datasheet HTML 91Page - Renesas Technology Corp AT45DB081E Datasheet HTML 92Page - Renesas Technology Corp AT45DB081E Datasheet HTML 93Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 97 page
background image
DS-AT45DB081E-028 Rev. M
Page 89
8/16/22
© 2022 Renesas Electronics
AT45DB081E Datasheet
28.2 Ordering Codes (Standard DataFlash Page Size)
1. The shipping carrier suffix is not marked on the device.
2. Contact Renesas Electronics for mechanical drawing or Die Sales information.
3. Contact Renesas Electronics for availability.
Ordering Code
Package
Lead Finish
Operating Voltage
fSCK
Device Grade
AT45DB081E-SSHN-B [1]
8S1
NiPdAu
1.7 V to 3.6 V
85 MHz
Industrial
(-40
°C to 85°C)
AT45DB081E-SSHN-T[1]
AT45DB081E-SHN-B[1]
8S2
AT45DB081E-SHN-T[1]
AT45DB081E-MHN-Y[1]
8MA1
AT45DB081E-MHN-T[1]
AT45DB081E-UUN-T[1][3]
CS8-8A
AT45DB081E-DWF[2]
DWF
Package Type
8S1
8-lead 0.150" wide, Plastic Gull Wing Small Outline (JEDEC SOIC)
8S2
8-lead 0.208" wide, Plastic Gull Wing Small Outline (EIAJ SOIC)
8MA1
8-pad (5 x 6 x 0.6mm body), Thermally Enhanced Plastic Ultra Thin Dual Flat No-lead (UDFN)
CS8-8A
8-ball (2 x 4 Array) 2.3 x 1.6mm Wafer Level Chip Scale Package
DWF
Die in Wafer Form



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com