Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT45DB081E Datasheet(PDF) 74 Page - Renesas Technology Corp

Part # AT45DB081E
Description  8-Mbit DataFlash (with Extra 256 kbits), 1.7 V Minimum SPI Serial Flash Memory
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB081E Datasheet(HTML) 74 Page - Renesas Technology Corp

Back Button AT45DB081E Datasheet HTML 70Page - Renesas Technology Corp AT45DB081E Datasheet HTML 71Page - Renesas Technology Corp AT45DB081E Datasheet HTML 72Page - Renesas Technology Corp AT45DB081E Datasheet HTML 73Page - Renesas Technology Corp AT45DB081E Datasheet HTML 74Page - Renesas Technology Corp AT45DB081E Datasheet HTML 75Page - Renesas Technology Corp AT45DB081E Datasheet HTML 76Page - Renesas Technology Corp AT45DB081E Datasheet HTML 77Page - Renesas Technology Corp AT45DB081E Datasheet HTML 78Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 97 page
background image
DS-AT45DB081E-028 Rev. M
Page 74
8/16/22
© 2022 Renesas Electronics
AT45DB081E Datasheet
19.5 Program and Erase Characteristics
1. Values are based on device characterization, not 100% tested in production.
2. Not 100% tested (value guaranteed by design and characterization).
Symbol
Parameter
1.7 V to 3.6 V
2.3 V to 3.6 V
Units
Min
Typ
Max
Min
Typ
Max
tEP
Page Erase and Programming Time (256/264 bytes)
15
55
15
55
ms
tP
Page Programming Time
2
4
2
4
ms
tBP
Byte Programming Time
8
8
µs
tPE
Page Erase Time
12
50
12
50
ms
tBE
Block Erase Time
30
75
30
75
ms
tSE
Sector Erase Time
.7
1.3
.7
1.3
s
tCE
Chip Erase Time
10
20
10
20
s
tSUSP
Suspend Time
Program
10
20
10
20
µs
Erase
2040
2040
tRES
Resume Time
Program
3
5
3
5
µs
Erase
3
5
3
5
tOTPP
OTP Security Register Program Time
200
500
200
500
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com