Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT45DB081E Datasheet(PDF) 64 Page - Renesas Technology Corp

Part # AT45DB081E
Description  8-Mbit DataFlash (with Extra 256 kbits), 1.7 V Minimum SPI Serial Flash Memory
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB081E Datasheet(HTML) 64 Page - Renesas Technology Corp

Back Button AT45DB081E Datasheet HTML 60Page - Renesas Technology Corp AT45DB081E Datasheet HTML 61Page - Renesas Technology Corp AT45DB081E Datasheet HTML 62Page - Renesas Technology Corp AT45DB081E Datasheet HTML 63Page - Renesas Technology Corp AT45DB081E Datasheet HTML 64Page - Renesas Technology Corp AT45DB081E Datasheet HTML 65Page - Renesas Technology Corp AT45DB081E Datasheet HTML 66Page - Renesas Technology Corp AT45DB081E Datasheet HTML 67Page - Renesas Technology Corp AT45DB081E Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 97 page
background image
DS-AT45DB081E-028 Rev. M
Page 64
8/16/22
© 2022 Renesas Electronics
AT45DB081E Datasheet
Table 32. Detailed Bit-level Addressing Sequence for Binary Page Size (256 bytes)
1. Shown to indicate when the Auto Page Rewrite operation is executed.
2. Shown to indicate when the Read-Modify-Write operation is executed.
3. X = Dummy bit.
Page Size = 256 bytes
Address Byte
Address Byte
Address Byte
Additional
Dummy
Bytes
Opcode
Opcode
01h
00000 001 X X X X A A AAAAA AAAA AAAAA AAAA
N/A
02h
00000 010 X X X X A A AAAAA AAAA AAAAA AAAA
N/A
03h
00000 011 X X X X A A AAAAA AAAA AAAAA AAAA
N/A
0Bh
00001 011 X X X X A A AAAAA AAAA AAAAA AAAA
1
1Bh
00011 011 X X X X A A AAAAA AAAA AAAAA AAAA
2
32h
00110 010 X X X X X X XXXXX XXXX XXXXX XXXX
N/A
35h
00110 101 X X X X X X XXXXX XXXX XXXXX XXXX
N/A
50h
01010 000 X X X X A A AAAAA AAXX XXXXX XXXX
N/A
53h
01010 011 X X X X A A AAAAA AAAA AXXXX XXXX
N/A
55h
01010 101 X X X X A A AAAAA AAAA AXXXX XXXX
N/A
58h(1)
01011 000 X X X X A A AAAAA AAAA AXXXX XXXX
N/A
59h(1)
01011 001 X X X X A A AAAAA AAAA AXXXX XXXX
N/A
58h(2)
01011 000 X X X X A A AAAAA AAAA AAAAA AAAA
N/A
59h(2)
01011 001 X X X X A A AAAAA AAAA AAAAA AAAA
N/A
60h
01100 000 X X X X A A AAAAA AAAA AXXXX XXXX
N/A
61h
01100 001 X X X X A A AAAAA AAAA AXXXX XXXX
N/A
77h
01110 111 X X X X X X XXXXX XXXX XXXXX XXXX
N/A
79h
01111 001
N/A
N/A
N/A
N/A
7Ch
01111 100 X X X X A A AAXXX XXXX XXXXX XXXX
N/A
81h
10000 001 X X X X A A AAAAA AAAA AXXXX XXXX
N/A
82h
10000 010 X X X X A A AAAAA AAAA AAAAA AAAA
N/A
83h
10000 011 X X X X A A AAAAA AAAA AXXXX XXXX
N/A
84h
10000 100 X X X X X X XXXXX XXXX XAAAA AAAA
N/A
85h
10000 101 X X X X A A AAAAA AAAA AAAAA AAAA
N/A
86h
10000 110 X X X X A A AAAAA AAAA AXXXX XXXX
N/A
87h
10000 111 X X X X X X XXXXX XXXX XAAAA AAAA
N/A
88h
10001 000 X X X X A A AAAAA AAAA AXXXX XXXX
N/A
89h
10001 001 X X X X A A AAAAA AAAA AXXXX XXXX
N/A
9Fh
10011 111
N/A
N/A
N/A
N/A
B9h
10111 001
N/A
N/A
N/A
N/A
ABh
10101 011
N/A
N/A
N/A
N/A
B0h
10110 000
N/A
N/A
N/A
N/A
D0h
11010 000
N/A
N/A
N/A
N/A
D1h
11010 001 X X X X X X XXXXX XXXX XAAAA AAAA
N/A
D2h
11010 010 X X X X A A AAAAA AAAA AAAAA AAAA
4
D3h
11010 011 X X X X X X XXXXX XXXX XAAAA AAAA
N/A
D4h
11010 100 X X X X X X XXXXX XXXX XAAAA AAAA
1
D6h
11010 110 X X X X X X XXXXX XXXX XAAAA AAAA
1
D7h
11010 111
N/A
N/A
N/A
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com