Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DA9062 Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # DA9062
Description  PMIC for Applications Requiring up to 8.5 A
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9062 Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button DA9062 Datasheet HTML 42Page - Renesas Technology Corp DA9062 Datasheet HTML 43Page - Renesas Technology Corp DA9062 Datasheet HTML 44Page - Renesas Technology Corp DA9062 Datasheet HTML 45Page - Renesas Technology Corp DA9062 Datasheet HTML 46Page - Renesas Technology Corp DA9062 Datasheet HTML 47Page - Renesas Technology Corp DA9062 Datasheet HTML 48Page - Renesas Technology Corp DA9062 Datasheet HTML 49Page - Renesas Technology Corp DA9062 Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 101 page
background image
DA9062
PMIC for Applications Requiring up to 8.5 A
Datasheet
Revision 3.8
15-Feb-2022
CFR0011-120-00
46 of 99
© 2022 Renesas Electronics
Table 28: Buck4 VTT Mode Control
BUCK4_VTT_EN
BUCK4_VTTR_EN
Mode
Buck4 VREF
GPIO0
GPIO1
0
0
Normal
VDAC
Digital I/O
Digital I/O
0
1
Normal
VDAC
VDDQ
VTTR
1
0
VTT
VDDQ/2 un-buffered
VDDQ
Digital I/O
1
1
VTT
VDDQ/2 buffered
VDDQ
VTTR
8.8
Power Modes
NO-POWER
RTC
Active functions
· VDDCORE comparator
· 32 kHz oscillator
· RTC counter
· nONKEY
Active functions
· VDDCORE comparator
POWERDOWN
ACTIVE
RESET
Active functions
· VDDCORE comparator
· 32 kHz oscillator
· RTC counter
· nONKEY
· Internal supplies
· LDO1
Active functions
· VDDCORE comparator
· 32 kHz oscillator
· RTC counter
· nONKEY
· Internal supplies
· LDO1
· Selected supplies
Active functions
· VDDCORE comparator
· 32 kHz oscillator
· RTC counter
· nONKEY
· Internal supplies
· All supplies
· Watchdog
VDDCORE > VPOR_UPPER
( nONKEY press || RTC alarm ) &&
( ! Temp error && ! VSYS error )
nONKEY press ||
GPIO wake-up event
nRESETREQ ||
nONKEY (long)
nONKEY (short) ||
GPIO power-down event ||
Watchdog timeout
· nRESET asserted
time > RESET_DURATION &&
( ! Temp error && ! VSYS error )
nRESETREQ ||
nONKEY long press
RTC_MODE_PD
VSYS error
VDDCORE < VPOR_UPPER
Any state
POWERDOWN
(Freeze)
Retry count == 0
Any state
Temp error
Retry count != 0
Power-up
sequence
nRESETREQ ||
nONKEY (long)
Power-down
sequence
Shutdown
sequence
Shutdown
sequence
Shutdown
sequence
Any state
RTC_MODE_SD
&& VSYS error
Sequence done ||
timeout
Sequence done ||
timeout
Sequence done ||
timeout
Sequence done ||
timeout
Watchdog
alive
Figure 21: DA9062 Power Modes (State Transition Conditions Follow C-Language Syntax)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com