Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DA9062 Datasheet(PDF) 93 Page - Renesas Technology Corp

Part # DA9062
Description  PMIC for Applications Requiring up to 8.5 A
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9062 Datasheet(HTML) 93 Page - Renesas Technology Corp

Back Button DA9062 Datasheet HTML 89Page - Renesas Technology Corp DA9062 Datasheet HTML 90Page - Renesas Technology Corp DA9062 Datasheet HTML 91Page - Renesas Technology Corp DA9062 Datasheet HTML 92Page - Renesas Technology Corp DA9062 Datasheet HTML 93Page - Renesas Technology Corp DA9062 Datasheet HTML 94Page - Renesas Technology Corp DA9062 Datasheet HTML 95Page - Renesas Technology Corp DA9062 Datasheet HTML 96Page - Renesas Technology Corp DA9062 Datasheet HTML 97Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 101 page
background image
DA9062
PMIC for Applications Requiring up to 8.5 A
Datasheet
Revision 3.8
15-Feb-2022
CFR0011-120-00
93 of 99
© 2022 Renesas Electronics
Table 135: CONFIG_D (0x109)
Field
Bit
Type
Description
Reserved
7:6
R/W
Reserved
FORCE_RESET
5:5
R/W
Keep nRESET always asserted
Reserved
4:3
R/W
Reserved
SYSTEM_EN_RD
2:2
R/W
Suppress loading SYSTEM_EN during OTP_RD2
NIRQ_MODE
1:1
R/W
nIRQ will be asserted from events during POWERDOWN
GPI_V
0:0
R/W
GPIs, except power manager controls, supplied from VDDCORE
(0) / VDDIO (1).
Table 136: CONFIG_E (0x10A)
Field
Bit
Type
Description
Reserved
7:5
R/W
Reserved
BUCK3_AUTO
4:4
R/W
When powering up, enable and select VBUCK3_A.
Reserved
3:3
R/W
Reserved
BUCK4_AUTO
2:2
R/W
Enable and select VBUCK4_A when powering up.
BUCK2_AUTO
1:1
R/W
Enable and select VBUCK2_A when powering up.
BUCK1_AUTO
0:0
R/W
Enable and select VBUCK1_A when powering up.
Table 137: CONFIG_G (0x10C)
Field
Bit
Type
Description
Reserved
7:4
R/W
Reserved
LDO4_AUTO
3:3
R/W
Enable and select VLDO4_A when powering up.
LDO3_AUTO
2:2
R/W
Enable and select VLDO3_A when powering up.
LDO2_AUTO
1:1
R/W
Enable and select VLDO2_A when powering up.
LDO1_AUTO
0:0
R/W
Enable and select VLDO1_A when powering up.
Table 138: CONFIG_H (0x10D)
Field
Bit
Type
Description
Reserved
7:7
R/W
Reserved
BUCK1_FCM
6:6
R/W
Buck full-current mode (double pass device and current limit).
BUCK2_FCM
5:5
R/W
Buck full-current mode (double pass device and current limit).
Reserved
4:4
R/W
Reserved
BUCK_MERGE
3:3
R/W
Buck1/2 dual-phase configuration.
Reserved
2:0
R/W
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com