Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DA9062 Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # DA9062
Description  PMIC for Applications Requiring up to 8.5 A
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9062 Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button DA9062 Datasheet HTML 22Page - Renesas Technology Corp DA9062 Datasheet HTML 23Page - Renesas Technology Corp DA9062 Datasheet HTML 24Page - Renesas Technology Corp DA9062 Datasheet HTML 25Page - Renesas Technology Corp DA9062 Datasheet HTML 26Page - Renesas Technology Corp DA9062 Datasheet HTML 27Page - Renesas Technology Corp DA9062 Datasheet HTML 28Page - Renesas Technology Corp DA9062 Datasheet HTML 29Page - Renesas Technology Corp DA9062 Datasheet HTML 30Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 101 page
background image
DA9062
PMIC for Applications Requiring up to 8.5 A
Datasheet
Revision 3.8
15-Feb-2022
CFR0011-120-00
26 of 99
© 2022 Renesas Electronics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
VDD = 3.6 V
VBUCK = 0.75 V
IOUT = +1 A to +10 mA
IOUT = -10 mA to -700 mA
dI/dt = 3 A/µs
L = 0.25 µH
35
50
Turn-on time
tON
VBUCK = 0.75 V
BUCK_SLOWSTART = disabled
SLEW_RATE = 10 mV/1 µs
BUCK4_ILIM = 1500 mA
0.33
1.2
ms
VTTR Buffer
Feedback voltage
VDDQ
1.35
2.6
V
VTTR output voltage
VTTR
VTTR = VDDQ/2
0.675
1.3
V
VTTR voltage accuracy
VTTR_ACC
Relative to VDDQ input voltage
-49%
+51%
VTTR output capacitor
CVTTR
Including voltage and
temperature coefficient
-50%
0.1
+30%
µF
VTTR output current
IVTTR
Sink/source
-10
+10
mA
Note 1
If register BUCK4_MODE = 10 (synchronous) then the buck operates in PFM mode for VBUCK < 0.7 V.
For complete control of the buck mode (PWM versus PFM) use BUCK4_MODE = 00.
Note 2
Minimum tolerance 35 mV.
Note 3
Generated from internal 6 MHz oscillator and can be adjusted by ±10 % via register OSC_FRQ, see
Section 8.14.
Note 4
For short durations to meet peak current requirements IOUT can be operated at up to 10 % higher than
the specified maximum operating condition. The part should not be operated in this mode for extended
periods and is not guaranteed for continuous operation.
Note 5
Auto-mode is not recommended for new designs, see Section
8.7.6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com