Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DA9062 Datasheet(PDF) 51 Page - Renesas Technology Corp

Part # DA9062
Description  PMIC for Applications Requiring up to 8.5 A
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9062 Datasheet(HTML) 51 Page - Renesas Technology Corp

Back Button DA9062 Datasheet HTML 47Page - Renesas Technology Corp DA9062 Datasheet HTML 48Page - Renesas Technology Corp DA9062 Datasheet HTML 49Page - Renesas Technology Corp DA9062 Datasheet HTML 50Page - Renesas Technology Corp DA9062 Datasheet HTML 51Page - Renesas Technology Corp DA9062 Datasheet HTML 52Page - Renesas Technology Corp DA9062 Datasheet HTML 53Page - Renesas Technology Corp DA9062 Datasheet HTML 54Page - Renesas Technology Corp DA9062 Datasheet HTML 55Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 101 page
background image
DA9062
PMIC for Applications Requiring up to 8.5 A
Datasheet
Revision 3.8
15-Feb-2022
CFR0011-120-00
51 of 99
© 2022 Renesas Electronics
8.9
Power Supply Sequencer
DA9062 features a programmable Power Supply Sequencer that handles the system power-up,
power-down, and shutdown sequences. The sequencer has a step-up counter, a timer that controls
the step period, and a set of comparators that trigger power-on/off events at specific steps of the
counter. The structure of the sequencer is depicted in Figure 23.
The sequencer is composed of 16 steps, and the step time can be programmed between 32 µs and
8.192 ms. The sequencer will step until it reaches a programmable maximum value (MAX_COUNT),
whereupon an interrupt is issued. At each step, the sequencer will enable all the functions that are
pointing to that particular step.
The power-up and -down sequences cannot be configured separately. When DA9062 is powering
down, the sequencer will execute whatever was configured for the power-up sequence but in reverse
order. Supplies can also be configured to stay on in POWERDOWN mode. In this case, the
sequencer does not disable the regulator but switches to its B-configuration, see Section 8.5.
If any pointer is programmed to a step higher than MAX_COUNT, the function is no longer controlled
by the sequencer. Only the regulator control pointers (LDO<x>_STEP, BUCK<x>_STEP) are allowed
to point to step 0. Setting any other pointer to step 0, effectively disables that function.
POWERDOWN
mode
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
System
Wake-up
ACTIVE
mode
SYSTEM_EN
Watchdog alive
Power
Power1
OTP_RD2
STANDBY
mode
Figure 23: Structure of the Power Supply Sequencer
Note
STANDBY mode can only be reached on power-down, not power-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com