Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DA9068 Datasheet(PDF) 57 Page - Renesas Technology Corp

Part # DA9068
Description  System PMIC for Multi-Core Application Processors
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9068 Datasheet(HTML) 57 Page - Renesas Technology Corp

Back Button DA9068 Datasheet HTML 53Page - Renesas Technology Corp DA9068 Datasheet HTML 54Page - Renesas Technology Corp DA9068 Datasheet HTML 55Page - Renesas Technology Corp DA9068 Datasheet HTML 56Page - Renesas Technology Corp DA9068 Datasheet HTML 57Page - Renesas Technology Corp DA9068 Datasheet HTML 58Page - Renesas Technology Corp DA9068 Datasheet HTML 59Page - Renesas Technology Corp DA9068 Datasheet HTML 60Page - Renesas Technology Corp DA9068 Datasheet HTML 61Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 185 page
background image
DA9068
System PMIC for Multi-Core Application Processors
Datasheet
Revision 3.5
21-Feb-2022
CFR0011-120-00
57 of 184
© 2022 Renesas Electronics
4*C
1*C
VBAT_S
TEMP1
TEMP2
5 TO 1
MUX
12 BIT
ADC
D[11:0]
ADC_REF
ADC_GND
3 TO 8
ENCODER
ADC_CLK
EOC
SEL[2:0]
DIGITAL CONTROL
SIGNALS
SH PRE -AMPLIFIER
ADC_TOP
2.5V
2.5V
2.5V
5*C
H
S
5*C
S
H
S
H
3*C
S
H
2.5V
VF
ADCIN1
NTC
ADCIN_SEL[1:0]
ADCIN2
ADCIN3
ADCIN4
4 TO 1
MUX
Figure 7: GPADC Block Diagram
On DA9068, the A-to-D conversion is performed by a switched capacitor (SC) successive
approximation register (SAR) ADC. The actual ADC is preceded by a 5:1 input multiplexer that
controls the channel selection, routes the appropriate input signal to the SC circuit, and ensures the
inter-channel isolation. The input voltage range of the SC ADC core is from 0 V to 2.5 V, hence any
input signal outside this range has to be pre-scaled before being routed to the input of the converter.
The ADC core is supplied from the internal 2.5 V VCORE rail, which is also used to provide the
positive reference voltage for the ADC. A dedicated quiet VSS signal is used for the negative
reference voltage of SC circuit.
The implemented track-and-hold circuit ensures a stable voltage on the input of the SC ADC during
the conversion. Figure 8 shows the polarity and the timing of the external and internal signals
controlling the track and hold sequence of the converter. The clock (fCLK = 0.5 MHz) and the enable
signal (EN) are provided by the main PM control logic, while all the other signals are internally
generated. The timing diagram illustrates a tracking period of 13 clock cycles, that is 26 µs (inclusive
of 10 µs auto-zero time) and a conversion period of 24 µs, hence a total ADC conversion cycle of
50 µs.
The end of the conversion is flagged by the EOC signal which indicates the availability of the data
bits D[11:0]. Once the PM controller has read the result, it de-asserts the EN signal which terminates
the current conversion cycle. A new cycle can be started on the following rising edge of the clock.
The channel selection control signals SEL[2:0] must be present prior to, or at least coincident with,
the assertion of the ADC enable signal. This is to ensure that the tracking period is not affected by
late assertion of the external digital controls. For the same reason, in case of dynamic control of the
TEMP and VF current sources they have to be enabled (turned on) at least 100 µs before the next
NTC or respectively VF measurement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com