Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DA9068 Datasheet(PDF) 86 Page - Renesas Technology Corp

Part # DA9068
Description  System PMIC for Multi-Core Application Processors
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9068 Datasheet(HTML) 86 Page - Renesas Technology Corp

Back Button DA9068 Datasheet HTML 82Page - Renesas Technology Corp DA9068 Datasheet HTML 83Page - Renesas Technology Corp DA9068 Datasheet HTML 84Page - Renesas Technology Corp DA9068 Datasheet HTML 85Page - Renesas Technology Corp DA9068 Datasheet HTML 86Page - Renesas Technology Corp DA9068 Datasheet HTML 87Page - Renesas Technology Corp DA9068 Datasheet HTML 88Page - Renesas Technology Corp DA9068 Datasheet HTML 89Page - Renesas Technology Corp DA9068 Datasheet HTML 90Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 185 page
background image
DA9068
System PMIC for Multi-Core Application Processors
Datasheet
Revision 3.5
21-Feb-2022
CFR0011-120-00
86 of 184
© 2022 Renesas Electronics
7.8
Control Interface
DA9068 is completely SW-controlled from the host by registers and offers one serial control interface
(I2C) to access these registers. Data is shifted into or out from DA9068 under the control of the host
processor, which also provides the serial clock.
The DA9068 interface is a general purpose I2C interface that can operate in Fast Mode (up to
400 kHz) and High Speed Mode (up to 1.7 MHz) with external (system) pull-up resistors.
7.8.1
DA9068 2-Wire (I2C) Interface
SDA
SCL
SCL
SDA
Host
Processor
DA9068
VSYS
Figure 28: I2C Interface
Table 34: Serial Interface Pads
PAD Name
Interface
Type
PAD Description
SCL
I2C
DI
General Purpose I2C CLOCK (external pull-up)
SDA
DIO
General Purpose I2C DATA (external pull-up)
CLK/SK
DATA/SO
tSTART_HOLD
tCLK_LO
tCLK_HI
tDATA_SETUP
tSTOP_SETUP
tDATA_HOLD
Figure 29: I2C Bus Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com