Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DA9068 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # DA9068
Description  System PMIC for Multi-Core Application Processors
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9068 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button DA9068 Datasheet HTML 17Page - Renesas Technology Corp DA9068 Datasheet HTML 18Page - Renesas Technology Corp DA9068 Datasheet HTML 19Page - Renesas Technology Corp DA9068 Datasheet HTML 20Page - Renesas Technology Corp DA9068 Datasheet HTML 21Page - Renesas Technology Corp DA9068 Datasheet HTML 22Page - Renesas Technology Corp DA9068 Datasheet HTML 23Page - Renesas Technology Corp DA9068 Datasheet HTML 24Page - Renesas Technology Corp DA9068 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 185 page
background image
DA9068
System PMIC for Multi-Core Application Processors
Datasheet
Revision 3.5
21-Feb-2022
CFR0011-120-00
21 of 184
© 2022 Renesas Electronics
4.3
Standard 300 mA LDO
Unless otherwise noted, TA = -30 °C to +85 °C, and VBAT = 2.5 V to 5.0 V.
Table 8: LDO8, 11, 16, 17, 18, 19, 20 Electrical Characteristics
Parameter
Description
Conditions
Min
Typ
Max
Unit
VDD
Input voltage
2.0
5.0
V
Supplied from buck
1.5
5.0
VLDO
Output voltage
Programmable in 50 mV
steps
IOUT = IMAX
1.2
3.3
V
VLDO_ACC
Output accuracy
IOUT = IMAX
-3
3
%
COUT
Stabilization capacitor
Including voltage(AC/DC)
and temperature
coefficients
2.2
µF
COUT_ACC
Stabilization capacitor
accuracy
Including voltage(AC/DC)
and temperature
coefficients
-55
35
%
ESRCOUT
ESR of capacitor
f > 1 MHz
0.1
Ω
IMAX
Maximum output current
VDD
≥ 2.1 V
300
mA
VDD < 1.8 V
200
VDD < 1.5 V
100
IMAXSLEEP
Maximum output current
VDD
≥ 1.8 V
Sleep mode
30
mA
ISHORT
Short circuit current
600
mA
VDROPOUT
Dropout voltage
IOUT = IMAX
(for VDD = 1.5 V, IOUT =
IMAX/3)
100
150
mV
VS_LINE
Static line regulation
VDD = 3.0 V to 5.0 V
IOUT = IMAX
5
20
mV
VS_LOAD
Static load regulation
IOUT = 1 mA to IMAX
5
20
mV
VTR_LINE
Line transient response
VDD = 3.0 V to 3.6 V
IOUT = IMAX
tr = tf = 10 µs
5
20
mV
VTR_LOAD
Load transient response
VDD = 3.6 V
IOUT = 1 mA to IMAX
tr = tf = 1 µs
25
50
mV
PSRR
Power supply rejection
ratio
f = 10 Hz to 10 kHz
VDD = 3.6 V
IOUT = IMAX/2
50
60
dB
N
Output noise
f = 10 Hz to 100 kHz
VDD = 3.6 V
IOUT = 5 mA to IMAX
80
μVrms
IQ_ON
Quiescent current when
on
IOUT = IMAX
5.5.μA +
0.5 % IOUT
μA
IQ_SLEEP
Quiescent current in
SLEEP mode
IOUT = 0 mA
2
μA
IOUT = IMAX/10
2 + 1 %
IOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com