Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DA9068 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # DA9068
Description  System PMIC for Multi-Core Application Processors
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9068 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button DA9068 Datasheet HTML 7Page - Renesas Technology Corp DA9068 Datasheet HTML 8Page - Renesas Technology Corp DA9068 Datasheet HTML 9Page - Renesas Technology Corp DA9068 Datasheet HTML 10Page - Renesas Technology Corp DA9068 Datasheet HTML 11Page - Renesas Technology Corp DA9068 Datasheet HTML 12Page - Renesas Technology Corp DA9068 Datasheet HTML 13Page - Renesas Technology Corp DA9068 Datasheet HTML 14Page - Renesas Technology Corp DA9068 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 185 page
background image
DA9068
System PMIC for Multi-Core Application Processors
Datasheet
Revision 3.5
21-Feb-2022
CFR0011-120-00
11 of 184
© 2022 Renesas Electronics
Table 1: Pin Description
Pin No.
Pin Name
Type
(Table 2)
Description
Power Manager
G9
nONKEY
DI
ON/OFF key / HW input for watchdog supervision
J9
MCTL1
DI
Active high mode control input 1
H9
MCTL2
DI
Active high mode control input 2
L3
TA
DI
Travel adaptor wakeup control
G8
nON2
DI
Active low wakeup control
L2
nRESET
DO
Active low RESET towards host
G5
EXT_PWRON
DO
External regulator enable output
F2
nIRQ
DO
Active low IRQ line towards host
F3
nVDD_FAULT
DIO
Active low Indication for low supply voltage
J5
VPP
AI
Programming voltage
J7
TP
AI
Test pin / Power Commander mode enable
I2C Interfaces
H8
SCL
DI
I2C clock
J8
SDA
DIO
I2C data
Voltage Regulators
L4
VLDO1
AO
LDO1 output voltage
K5
VLDO2
AO
LDO2 output voltage
B8
VLDO3
AO
LDO3 output voltage
K6
VLDO4
AO
LDO4 output voltage
A8
VLDO5
AO
LDO5 output voltage
H10
VLDO6
AO
LDO6 output voltage
K8
VLDO7
AO
LDO7 output voltage
A10
VLDO8
AO
LDO8 output voltage
K7
VLDO9
AO
LDO9 output voltage
L8
VLDO10
AO
LDO10 output voltage
N8
VLDO11
AO
LDO11 output voltage
P8
VLDO12
AO
LDO12 output voltage
D11
VLDO13
AO
LDO13 output voltage
G10
VLDO14
AO
LDO14 output voltage
B9
VLDO15
AO
LDO15 output voltage
K11
VLDO16
AO
LDO16 output voltage
L11
VLDO17
AO
LDO17 output voltage
H11
VLDO18
AO
LDO18 output voltage
J10
VLDO19
AO
LDO19 output voltage
F11
VLDO20
AO
LDO20 output voltage
L7
VLDO21
AO
LDO21 output voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com