Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PES10T4G2 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # PES10T4G2
Description  10-Lane 4-Port Gen2 PCI Express® Switch
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PES10T4G2 Datasheet(HTML) 4 Page - Renesas Technology Corp

  PES10T4G2 Datasheet HTML 1Page - Renesas Technology Corp PES10T4G2 Datasheet HTML 2Page - Renesas Technology Corp PES10T4G2 Datasheet HTML 3Page - Renesas Technology Corp PES10T4G2 Datasheet HTML 4Page - Renesas Technology Corp PES10T4G2 Datasheet HTML 5Page - Renesas Technology Corp PES10T4G2 Datasheet HTML 6Page - Renesas Technology Corp PES10T4G2 Datasheet HTML 7Page - Renesas Technology Corp PES10T4G2 Datasheet HTML 8Page - Renesas Technology Corp PES10T4G2 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
4 of 30
May 10, 2016
IDT 89HPES10T4G2 Data Sheet
Pin Description
The following tables list the functions of the pins provided on the PES10T4G2. Some of the functions listed may be multiplexed onto the same pin.
The active polarity of a signal is defined using a suffix. Signals ending with an “N” are defined as being active, or asserted, when at a logic zero (low)
level. All other signals (including clocks, buses, and select lines) will be interpreted as being active, or asserted, when at a logic one (high) level.
Note: In the PES10T4G2, the three downstream ports are labeled ports 2, 4, and 6.
Signal
Type
Name/Description
PE0RN[3:0]
PE0RP[3:0]
I
PCI Express Port 0 Serial Data Receive. Differential PCI Express receive
pairs for port 0. Port 0 is the upstream port.
PE0TN[3:0]
PE0TP[3:0]
O
PCI Express Port 0 Serial Data Transmit. Differential PCI Express trans-
mit pairs for port 0. Port 0 is the upstream port.
PE2RN[1:0]
PE2RP[1:0]
I
PCI Express Port 2 Serial Data Receive. Differential PCI Express receive
pairs for port 2.
PE2TN[1:0]
PE2TP[1:0]
O
PCI Express Port 2 Serial Data Transmit. Differential PCI Express trans-
mit pairs for port 2.
PE4RN[1:0]
PE4RP[1:0]
I
PCI Express Port 4 Serial Data Receive. Differential PCI Express receive
pairs for port 4.
PE4TN[1:0]
PE4TP[1:0]
O
PCI Express Port 4 Serial Data Transmit. Differential PCI Express trans-
mit pairs for port 4.
PE6RN[1:0]
PE6RP[1:0]
I
PCI Express Port 6 Serial Data Receive. Differential PCI Express receive
pairs for port 6.
PE6TN[1:0]
PE6TP[1:0]
O
PCI Express Port 6 Serial Data Transmit. Differential PCI Express trans-
mit pairs for port 6.
PEREFCLKP[0]
PEREFCLKN[0]
I
PCI Express Reference Clock. Differential reference clock pair input. This
clock is used as the reference clock by on-chip PLLs to generate the clocks
required for the system logic and on-chip SerDes. The frequency of the dif-
ferential reference clock is determined by the REFCLKM signal.
REFCLKM
I
PCI Express Reference Clock Mode Select. This signal selects the fre-
quency of the reference clock input.
0x0 - 100 MHz
0x1 - 125 MHz
This pin should be static and not change following the negation of
PERSTN.
Table 2 PCI Express Interface Pins
Signal
Type
Name/Description
MSMBADDR[4:1]
I
Master SMBus Address. These pins determine the SMBus address of the
serial EEPROM from which configuration information is loaded.
MSMBCLK
I/O
Master SMBus Clock. This bidirectional signal is used to synchronize
transfers on the master SMBus.
MSMBDAT
I/O
Master SMBus Data. This bidirectional signal is used for data on the mas-
ter SMBus.
Table 3 SMBus Interface Pins (Part 1 of 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com