Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PES10T4G2 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # PES10T4G2
Description  10-Lane 4-Port Gen2 PCI Express® Switch
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PES10T4G2 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button PES10T4G2 Datasheet HTML 5Page - Renesas Technology Corp PES10T4G2 Datasheet HTML 6Page - Renesas Technology Corp PES10T4G2 Datasheet HTML 7Page - Renesas Technology Corp PES10T4G2 Datasheet HTML 8Page - Renesas Technology Corp PES10T4G2 Datasheet HTML 9Page - Renesas Technology Corp PES10T4G2 Datasheet HTML 10Page - Renesas Technology Corp PES10T4G2 Datasheet HTML 11Page - Renesas Technology Corp PES10T4G2 Datasheet HTML 12Page - Renesas Technology Corp PES10T4G2 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
9 of 30
May 10, 2016
IDT 89HPES10T4G2 Data Sheet
EJTAG / JTAG
JTAG_TCK
I
LVTTL
STI
pull-up
JTAG_TDI
I
STI
pull-up
JTAG_TDO
O
JTAG_TMS
I
STI
pull-up
JTAG_TRST_N
I
STI
pull-up
SerDes Reference
Resistors
REFRES0
I/O
Analog
REFRES2
I/O
REFRES4
I/O
REFRES6
I/O
1. Internal resistor values under typical operating conditions are 92K  for pull-up and 90K for pull-down.
2. All receiver pins set the DC common mode voltage to ground. All transmitters must be AC coupled to the media.
3. Schmitt Trigger Input (STI).
Function
Pin Name
Type
Buffer
I/O
Type
Internal
Resistor1
Notes
Table 8 Pin Characteristics (Part 2 of 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com