Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PES10T4G2 Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # PES10T4G2
Description  10-Lane 4-Port Gen2 PCI Express® Switch
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PES10T4G2 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button PES10T4G2 Datasheet HTML 13Page - Renesas Technology Corp PES10T4G2 Datasheet HTML 14Page - Renesas Technology Corp PES10T4G2 Datasheet HTML 15Page - Renesas Technology Corp PES10T4G2 Datasheet HTML 16Page - Renesas Technology Corp PES10T4G2 Datasheet HTML 17Page - Renesas Technology Corp PES10T4G2 Datasheet HTML 18Page - Renesas Technology Corp PES10T4G2 Datasheet HTML 19Page - Renesas Technology Corp PES10T4G2 Datasheet HTML 20Page - Renesas Technology Corp PES10T4G2 Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
17 of 30
May 10, 2016
IDT 89HPES10T4G2 Data Sheet
Serial Link
(cont.)
PCIe Receive
VRX-DIFFp-p
Differential input voltage (peak-to-
peak)
175
1200
120
1200
mV
RLRX-DIFF
Receiver Differential Return Loss
10
10
dB
0.05 - 1.25GHz
8
1.25 - 2.5GHz
RLRX-CM
Receiver Common Mode Return
Loss
66
dB
ZRX-DIFF-DC
Differential input impedance (DC)
80
100
120
Refer to return loss spec
ZRX--DC
DC common mode impedance
40
50
60
40
60
ZRX-COMM-DC
Powered down input common
mode impedance (DC)
200k
350k
50k
ZRX-HIGH-IMP-DC-
POS
DC input CM input impedance for
V>0 during reset or power down
50k
50k
ZRX-HIGH-IMP-DC-
NEG
DC input CM input impedance for
V<0 during reset or power down
1.0k
1.0k
VRX-IDLE-DET-
DIFFp-p
Electrical idle detect threshold
65
175
65
175
mV
VRX-CM-ACp
Receiver AC common-mode peak
voltage
150
150
mV
VRX-CM-ACp
PCIe REFCLK
CIN
Input Capacitance
1.5
—
1.5
—
pF
Other I/Os
LOW Drive
Output
IOL
—2.5
—
—
2.5
—
mA
VOL = 0.4v
IOH
—-5.5
—
—-5.5
—
mA
VOH = 1.5V
High Drive
Output
IOL
—
12.0
—
—
12.0
—
mA
VOL = 0.4v
IOH
—
-20.0
—
—
-20.0
—
mA
VOH = 1.5V
Schmitt Trig-
ger Input
(STI)
VIL
-0.3
—
0.8
-0.3
—
0.8
V
—
VIH
2.0
—
VDDI/O +
0.5
2.0
—
VDDI/O +
0.5
V—
Input
VIL
-0.3
—
0.8
-0.3
—
0.8
V
—
VIH
2.0
—
VDDI/O +
0.5
2.0
—
VDDI/O +
0.5
V—
Capacitance
CIN
——
8.5
—
—
8.5
pF
—
Leakage
Inputs
—
—
+ 10
—
—
+ 10
AVDDI/O (max)
I/OLEAK W/O
Pull-ups/downs
——
+ 10
—
—
+ 10
AVDDI/O (max)
I/OLEAK WITH
Pull-ups/downs
——
+ 80
—
—
+ 80
AVDDI/O (max)
1. Minimum, Typical, and Maximum values meet the requirements under PCI Specification 2.0.
I/O Type Parameter
Description
Gen1
Gen2
Unit
Condi-
tions
Min1
Typ1 Max1 Min1
Typ1
Max1
Table 18 DC Electrical Characteristics (Part 2 of 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com