Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PES10T4G2 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # PES10T4G2
Description  10-Lane 4-Port Gen2 PCI Express® Switch
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PES10T4G2 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button PES10T4G2 Datasheet HTML 4Page - Renesas Technology Corp PES10T4G2 Datasheet HTML 5Page - Renesas Technology Corp PES10T4G2 Datasheet HTML 6Page - Renesas Technology Corp PES10T4G2 Datasheet HTML 7Page - Renesas Technology Corp PES10T4G2 Datasheet HTML 8Page - Renesas Technology Corp PES10T4G2 Datasheet HTML 9Page - Renesas Technology Corp PES10T4G2 Datasheet HTML 10Page - Renesas Technology Corp PES10T4G2 Datasheet HTML 11Page - Renesas Technology Corp PES10T4G2 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
8 of 30
May 10, 2016
IDT 89HPES10T4G2 Data Sheet
Pin Characteristics
Note: Some input pads of the PES10T4G2 do not contain internal pull-ups or pull-downs. Unused inputs should be tied off to appropriate
levels. This is especially critical for unused control signal inputs which, if left floating, could adversely affect operation. Also, any input pin left
floating can cause a slight increase in power consumption.
Function
Pin Name
Type
Buffer
I/O
Type
Internal
Resistor1
Notes
PCI Express Inter-
face
PE0RN[3:0]
I
PCIe
differential2
Serial Link
PE0RP[3:0]
I
PE0TN[3:0]
O
PE0TP[3:0]
O
PE2RN[1:0]
I
PE2RP[1:0]
I
PE2TN[1:0]
O
PE2TP[1:0]
O
PE4RN[1:0]
I
PE4RP[1:0]
I
PE4TN[1:0]
O
PE4TP[1:0]
O
PE6RN[1:0]
I
PE6RP[1:0]
I
PE6TN[1:0]
O
PE6TP[1:0]
O
PEREFCLKN[0]
I
HCSL
Diff. Clock
Input
Refer to Table 9
PEREFCLKP[0]
I
REFCLKM
I
LVTTL
Input
pull-down
SMBus
MSMBADDR[4:1]
I
LVTTL
Input
pull-up
MSMBCLK
I/O
STI3
pull-up on board
MSMBDAT
I/O
STI
pull-up on board
SSMBADDR[5,3:1]
I
Input
pull-up
SSMBCLK
I/O
STI
pull-up on board
SSMBDAT
I/O
STI
pull-up on board
General Purpose I/O
GPIO[11,7:0]
I/O
LVTTL
STI,
High Drive
pull-up
System Pins
CCLKDS
I
LVTTL
Input
pull-up
CCLKUS
I
Input
pull-up
MSMBSMODE
I
Input
pull-down
PERSTN
I
STI
RSTHALT
I
Input
pull-down
SWMODE[2:0]
I
Input
pull-down
Table 8 Pin Characteristics (Part 1 of 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com