Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RHFL6000L Datasheet(PDF) 1 Page - STMicroelectronics

Part # RHFL6000L
Description  2 A Rad-hard adjustable positive linear voltage regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFL6000L Datasheet(HTML) 1 Page - STMicroelectronics

  RHFL6000L Datasheet HTML 1Page - STMicroelectronics RHFL6000L Datasheet HTML 2Page - STMicroelectronics RHFL6000L Datasheet HTML 3Page - STMicroelectronics RHFL6000L Datasheet HTML 4Page - STMicroelectronics RHFL6000L Datasheet HTML 5Page - STMicroelectronics RHFL6000L Datasheet HTML 6Page - STMicroelectronics RHFL6000L Datasheet HTML 7Page - STMicroelectronics RHFL6000L Datasheet HTML 8Page - STMicroelectronics RHFL6000L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Features
Input voltage range from 2.5 V to 12 V
Adjustable output voltage from 0.6 V to 9 V
2 A guaranteed output current
Low dropout voltage: 0.3 V typ. @ 0.4 A
Embedded overtemperature and overcurrent protection
Adjustable overcurrent limitation
Output overload monitoring/signalling
Internal control loop accessible via an external pin, optional, providing flexibility
for stability margin tuning
Inhibit (ON/OFF) TTL compatible control
Programmable output short-circuit current
Remote sensing operation
Rad-hard: guaranteed up to 300 krad MIL-STD-883J method 1019.9 high dose
rate and 0.01 rad/s in ELDRS conditions
Radiation environment: SET/SEL/SEB:
- SEL free @ LET=120 MeV/cm²/mg
- SET: less than 3.3% of VOUT@ 120 MeV
Heavy-ions SET dedicated internal circuitry implemented for absorbing output
transient
Operating junction temperature range: -55 °C to 125 °C
Description
The RHFL6000L high-performance adjustable positive voltage regulator provides
exceptional radiation performance. It is tested in accordance with MIL-STD-883J
method 1019.9, in ELDRS conditions. The device is available in the Flat-16P, a
hermetic ceramic package. A dedicated internal circuitry is implemented to absorb
output transients during SET events. The operating input voltage goes from 2.5 V to
12 V.
The RHFL6000L is an upgraded version of the RHFL6000A and is intended to
extend the range of the regulated output voltages down to 0.6 V.
Maturity status link
RHFL6000L
2 A Rad-hard adjustable positive linear voltage regulator
RHFL6000L
Datasheet
DS14125 - Rev 1 - November 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - RHFL6000L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RHFL6000A STMICROELECTRONICS-RHFL6000A Datasheet
1Mb / 31P
2 A rad-hard adjustable positive voltage regulator
12-Oct-2015
RHFL6000AKP01V STMICROELECTRONICS-RHFL6000AKP01V Datasheet
1Mb / 31P
2 A rad-hard adjustable positive voltage regulator
12-Oct-2015
RHFL6000AKP02V STMICROELECTRONICS-RHFL6000AKP02V Datasheet
1Mb / 31P
2 A rad-hard adjustable positive voltage regulator
12-Oct-2015
RHFL6000AKP1 STMICROELECTRONICS-RHFL6000AKP1 Datasheet
1Mb / 31P
2 A rad-hard adjustable positive voltage regulator
12-Oct-2015
More results

Similar Description - RHFL6000L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RHFL4913 STMICROELECTRONICS-RHFL4913_07 Datasheet
418Kb / 16P
Rad-Hard Adjustable positive voltage regulator
26-Jan-2007
RHFL4913_0711 STMICROELECTRONICS-RHFL4913_0711 Datasheet
433Kb / 19P
Rad-hard adjustable positive voltage regulator
23-Nov-2007
RHFL4913A STMICROELECTRONICS-RHFL4913A Datasheet
426Kb / 20P
Rad-hard adjustable positive voltage regulator
21-Jan-2010
RHFL4913A STMICROELECTRONICS-RHFL4913A_12 Datasheet
302Kb / 20P
Rad-hard adjustable positive voltage regulator
20-Aug-2012
RHFL6000A STMICROELECTRONICS-RHFL6000A Datasheet
1Mb / 31P
2 A rad-hard adjustable positive voltage regulator
12-Oct-2015
logo
Anaren Microwave
MSK5800RH ANAREN-MSK5800RH Datasheet
960Kb / 10P
RAD HARD ULTRA LOW DROPOUT ADJUSTABLE POSITIVE LINEAR REGULATOR
MSK5810RH ANAREN-MSK5810RH Datasheet
1Mb / 10P
RAD HARD ULTRA LOW DROPOUT ADJUSTABLE POSITIVE LINEAR REGULATOR
MSK5821RH ANAREN-MSK5821RH Datasheet
297Kb / 9P
RAD HARD ULTRA LOW DROPOUT ADJUSTABLE POSITIVE LINEAR REGULATOR
MSK5824RH ANAREN-MSK5824RH Datasheet
495Kb / 8P
RAD HARD ULTRA LOW DROPOUT ADJUSTABLE POSITIVE LINEAR REGULATOR
MSK5972RH ANAREN-MSK5972RH Datasheet
472Kb / 8P
RAD HARD 1.5A, ADJUSTABLE LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com