Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS84329BYLF Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # ICS84329BYLF
Description  700MHZ, Low Jitter, Crystal-to-3.3V LVPECL Frequency Synthesizer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS84329BYLF Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button ICS84329BYLF Datasheet HTML 7Page - Renesas Technology Corp ICS84329BYLF Datasheet HTML 8Page - Renesas Technology Corp ICS84329BYLF Datasheet HTML 9Page - Renesas Technology Corp ICS84329BYLF Datasheet HTML 10Page - Renesas Technology Corp ICS84329BYLF Datasheet HTML 11Page - Renesas Technology Corp ICS84329BYLF Datasheet HTML 12Page - Renesas Technology Corp ICS84329BYLF Datasheet HTML 13Page - Renesas Technology Corp ICS84329BYLF Datasheet HTML 14Page - Renesas Technology Corp ICS84329BYLF Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
84329B DATA SHEET
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V LVPECL
FREQUENCY SYNTHESIZER
11
REVISION B 07/29/14
Termination for 3.3V LVPECL Outputs
The clock layout topology shown below is a typical termination for
LVPECL outputs. The two different layouts mentioned are
recommended only as guidelines.
The differential output is a low impedance follower output that
generate ECL/LVPECL compatible outputs. Therefore, terminating
resistors (DC current path to ground) or current sources must be
used for functionality. These outputs are designed to drive 50
transmission lines. Matched impedance techniques should be used
to maximize operating frequency and minimize signal distortion.
Figures 6A and 6B show two different layouts which are
recommended only as guidelines. Other suitable clock layouts may
exist and it would be recommended that the board designers
simulate to guarantee compatibility across all printed circuit and clock
component process variations.
Figure 6A. 3.3V LVPECL Output Termination
Figure 6B. 3.3V LVPECL Output Termination
R1
84
R2
84
3.3V
R3
125
R4
125
o =50
o =50
LVPECL
Input
3.3V
3.3V
+
_



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com