Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS84329BYLF Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # ICS84329BYLF
Description  700MHZ, Low Jitter, Crystal-to-3.3V LVPECL Frequency Synthesizer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS84329BYLF Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button ICS84329BYLF Datasheet HTML 8Page - Renesas Technology Corp ICS84329BYLF Datasheet HTML 9Page - Renesas Technology Corp ICS84329BYLF Datasheet HTML 10Page - Renesas Technology Corp ICS84329BYLF Datasheet HTML 11Page - Renesas Technology Corp ICS84329BYLF Datasheet HTML 12Page - Renesas Technology Corp ICS84329BYLF Datasheet HTML 13Page - Renesas Technology Corp ICS84329BYLF Datasheet HTML 14Page - Renesas Technology Corp ICS84329BYLF Datasheet HTML 15Page - Renesas Technology Corp ICS84329BYLF Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
84329B DATA SHEET
REVISION B 07/29/14
12
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V LVPECL
FREQUENCY SYNTHESIZER
Power Considerations
This section provides information on power dissipation and junction temperature for the 84329B.
Equations and example calculations are also provided.
1.
Power Dissipation.
The total power dissipation for the 84329B is the sum of the core power plus the power dissipated in the load(s).
The following is the power dissipation for VCC = 3.3V + 5% = 3.465V, which gives worst case results.
NOTE: Please refer to Section 3 for details on calculating power dissipated in the load.
•
Power (core)MAX =VCC_MAX *IEE_MAX = 3.465V * 140mA = 485mW
Total Power_MAX (3.3V, with all outputs switching) = 485mW + 30mW = 515mW
2. Junction Temperature.
Junction temperature, Tj, is the temperature at the junction of the bond wire and bond pad and directly affects the reliability of the device. The
maximum recommended junction temperature is 125°C.
The equation for Tj is as follows: Tj =
JA * Pd_total + TA
Tj = Junction Temperature
JA = Junction-to-Ambient Thermal Resistance
Pd_total = Total Device Power Dissipation (example calculation is in section 1 above)
TA = Ambient Temperature
In order to calculate junction temperature, the appropriate junction-to-ambient thermal resistance
JA must be used. Assuming no air flow and
a multi-layer board, the appropriate value is 47.9°C/W per Table 8 below.
Therefore, Tj for an ambient temperature of 70°C with all outputs switching is:
70°C + 0.515W * 47.9°C/W = 94.7°C. This is below the limit of 125°C.
This calculation is only an example. Tj will obviously vary depending on the number of loaded outputs, supply voltage, air flow and the type of
board (single layer or multi-layer).
Table 8. Thermal Resistance JA for 32-Lead LQFP, Forced Convection
JA by Velocity
Linear Feet per Minute
0
200
500
Multi-Layer PCB, JEDEC Standard Test Boards
47.9°C/W
42.1°C/W
39.4°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com